Electronic Components Datasheet Search
  English  ▼

X  

LP8072C Datasheet(PDF) 2 Page - Silvan Chip Electronics Tech.Co.,Ltd.

Part # LP8072C
Description  PIR CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILVAN [Silvan Chip Electronics Tech.Co.,Ltd.]
Direct Link  http://www.sc-tech.cn/en/indexen.htm
Logo SILVAN - Silvan Chip Electronics Tech.Co.,Ltd.

LP8072C Datasheet(HTML) 2 Page - Silvan Chip Electronics Tech.Co.,Ltd.

  LP8072C Datasheet HTML 1Page - Silvan Chip Electronics Tech.Co.,Ltd. LP8072C Datasheet HTML 2Page - Silvan Chip Electronics Tech.Co.,Ltd. LP8072C Datasheet HTML 3Page - Silvan Chip Electronics Tech.Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LP8072C
PIR CONTROLLER
Silvan Chip Electronics Tech.Co.,Ltd.
Address: Fl.16 FuChang Building,Binhe Rd,Shenzhen,China
Phone:
86-0755-88291843
88304213
Fax : 86-0755-88290509
Email:
jja@sc-tech.cn
Http:// www.sc-tech.cn
14
II2
2nd stage OP amp negative input
15
NII2
2nd stage OP amp positive input
16
UOU2
2nd stage OP amp output
LP8072C Absolute Maximum Ratings
Parameter
SYMBOL
VALUE
Units
POWER SUPPLY Vdd WITH REPECT TO Vss
Vdd-Vss
5.6
V
VOLTAGE ON ANY PIN
-0.3-5.6
V
OPERATING TEMPERATURE
Top
0-70
C
STORAGE TEMPERATURE
-65-150
C
LP8072C ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Vdd
SUPPLY VOLTAGE
4.2
5
5.5
V
Ist
STANDY CURRENT
0.9
1.0
1.2
mA
Idd
OPERATING CURRENT
1.8mA, TRIAC 2.5mA,
RELAY
1.8
2.5
mA
Vref
STABLE VOLTAGE
Vdd>4.2V
3.0
3.2
3.4
V
Iref
SOURCE CURRENT OF Vref
200
uA
RIPPLE OF Vref
0.5
mV
INPUT AND OUTPUT
REGULATION OF Vref
0.3%
Ftb
TIME BASE OPERATING
FREQUENCY
15
16
17
KHZ
Vt+
CDS OPERATING TRIGGER
1.3
1.7
2.1
V
Vt-
CDS OPREATING TRIGGER
0.6
0.9
1.1
V
Icds
CDS SOURCE CURRENT
2.6
3.5
4.4
uA
Isource
CDS OUTPUT SOURCE
CURRENT
9
10.4
17.4
mA
Isink
CDS OUTPUT SINK CURRENT
11.6
13
21
mA
Irs
RELAY SOURCE CURRENT
5
mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com