Electronic Components Datasheet Search
  English  ▼

X  

DAM70N80C Datasheet(PDF) 4 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # DAM70N80C
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

DAM70N80C Datasheet(HTML) 4 Page - DACO SEMICONDUCTOR CO.,LTD.

  DAM70N80C Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. DAM70N80C Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD. DAM70N80C Datasheet HTML 3Page - DACO SEMICONDUCTOR CO.,LTD. DAM70N80C Datasheet HTML 4Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig.7 Switching Time Waveform
Fig.8 Gate Charge Waveform
DACO SEMICONDUCTOR CO.,LTD.
®
Aug.2017
Typical Characteristics
DAM70N80C
Td(on)
Tr
Ton
Td(off)
Tf
Toff
VDS
VGS
90%
10%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com