Electronic Components Datasheet Search
  English  ▼

X  

SME-2 Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SME-2
Description  Miniature Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SME-2 Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SME-2 Datasheet HTML 1Page - Sanyou Corporation Limited SME-2 Datasheet HTML 2Page - Sanyou Corporation Limited SME-2 Datasheet HTML 3Page - Sanyou Corporation Limited SME-2 Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
Insulation System
:Nil-Standard, B-Class B, F-Class F
Accessory Form
:Nil-Without accessory, D-With diode,
Contact Material
:Nil-AgSnO2, 1-AgCdO
Mounting Type
:P-PCB, T-Socket, F-Flange case
Contact Form
:Nil-Form C, M-Form A
Coil Power
:D-DC, A-AC
Coil Voltage
:DC-06, 12, 24, 48, 110;AC-06, 12, 24, 48,
Number of Poles
:1-1 Pole, 2-2 Poles
Type Designation
:SME
Special Parameter
:Nil-Standard type,
Letter or number
-Special requirement
SME
CQC
VDE
UL
/CUL
E
179745
CQC08001024423
40009320
1 pole:
15A 250VAC
2 poles:
10A 250VAC
1 pole:
15A 250VAC
15A
30VDC
2 poles:
10A 250VAC
10A
30VDC
SME
- 1 12 D M
1
- F - XX
T
D
15A 240VAC,Resistive
15A 24VDC,Resistive
7A 250VAC, General use
2 poles:
10A 240VAC,Resistive
10A 24VDC,Resistive
5A 240VAC, General use
:
1 pole
Safety Approval Ratings
Approval
File No
.
Approved ratings
Nomenclature
Ordering Information
Outline Dimensions
, Wiring Diagram,
(unit:mm)
Mounting Holes
Nominal operating
current
±10% (mA)
Coil
resistance
±10% (Ω)
Max.
allowable
voltage
Pick
-up
voltage
(Max.)
Drop
-out
voltage
(Min.)
Nominal
operating
power
Nominal
voltage
6 VDC
12 VDC
24 VDC
48 VDC
110 VDC
40
160
650
2,600
11,000
150.0
75.0
36.9
18.5
10.0
110 % of
nominal
voltage
75% of
nominal
voltage
10 % of
nominal
voltage
Approx .
0.90W
Note
:The above mentioned types have obtained CQC and UL certificates,while the types with * have gained VDE certificate.
*
*
*
*
*
100(100/110),110(110/120),200(200/220),220(220/240)
CQC12002082737
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.
DC
-With diode(see wiring diagram)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com