Electronic Components Datasheet Search
  English  ▼

X  

SMH Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SMH
Description  Miniature High Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SMH Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SMH Datasheet HTML 1Page - Sanyou Corporation Limited SMH Datasheet HTML 2Page - Sanyou Corporation Limited SMH Datasheet HTML 3Page - Sanyou Corporation Limited SMH Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
SMH
CQC
TUV
UL/CUL
E179745
CQC05001014267
R50148605
16A 250VAC
16A 277VAC
16A
30VDC
20A 277VAC,Resistive
Safety Approval Ratings
Ordering Information
Approval
File No.
Approved ratings
Insulation System:Nil-Standard, B-Class B, F-Class F
Terminal Type:Nil-Standard, P-PCB,
Letter or number-Special requirement
Contact Form:M-Form A
Coil Power:D-0.5W
Coil Voltage (VDC):05, 06, 09, 12, 18, 24, 48
Number of Poles:1-1 Pole
Type Designation:SMH
Special Parameter:Nil-Standard type, 01-
:7.2
operate time
ms,
SMH -1 12
D
M
P - F -XX
Nomenclature
Outline Dimensions, Wiring Diagram, P.C.
(unit:mm)
Board Layout
02-
:7.2
,
2.
operate time
ms pinning on drawing
1
Drawing
(1)
(2)
(3)
The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.
Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be
different. If more details are required, please contact us.
For sealed type testing, please open the ventilation hole of case before test.
17.2
4.75
5.8
1.5
0.5
12.2
0.5
6
1
0.4
22.7
(top view)
(bottom view)
P.C.B. Layout (bottom view)
Wiring Diagram
(bottom view)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com