Electronic Components Datasheet Search
  English  ▼

X  

PT15L100SP Datasheet(PDF) 2 Page - PFC Device Inc.

Part # PT15L100SP
Description  15A 100V HPTR Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PT15L100SP Datasheet(HTML) 2 Page - PFC Device Inc.

  PT15L100SP Datasheet HTML 1Page - PFC Device Inc. PT15L100SP Datasheet HTML 2Page - PFC Device Inc. PT15L100SP Datasheet HTML 3Page - PFC Device Inc. PT15L100SP Datasheet HTML 4Page - PFC Device Inc. PT15L100SP Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Characteristics
Version 4.2
2 / 5
www.pfc-device.com
PT15L100SP
1. Characteristics
Maximum Ratings Characteristics
( TA = 25
oC unless otherwise specified )
Parameter
Symbol
Values
Units
DC Blocking Voltage
VRM
100
Volts
Working Peak Reverse Voltage
VRWM
Peak Repetitive Reverse Voltage
VRRM
Average Rectified Forward Current
Per device
Io
15
Amps
Peak Forward Surge Current - 1/2 60hz
IFSM
180
Amps
Peak Repetitive Reverse Surge Current
(2uS-1Khz)
IRRM
1
Amps
Typical Thermal Resistance
oC / W
Thermal Resistance junction to Ambient
Note (1)
RθJA
72
Thermal Resistance junction to Ambient
Note (2)
RθJA
30
Maximum Rate of Voltage Change ( at Rated VR )
dv/dt
10000
V/uS
Operating Junction Temperature
TJ
- 40 to +150
oC
Storage Junction Temperature
TSTG
- 40 to +150
Electrical Characteristics - (per leg)
( TA = 25
oC unless otherwise specified )
Parameter
Test Conditions
Symbol
Typ.
Max.
Units
Instantaneous
Forward Voltage
IF = 5 A
TJ = 25
oC
VF*
0.5
-----
Volts
IF = 15 A
0.7
0.78
IF = 5 A
TJ = 125
oC
0.45
-----
IF = 15 A
0.65
0.69
Instantaneous
Reverse Current
VR=70V
TJ = 25
oC
IR*
5
-----
uA
VR=100V
10
200
uA
VR=70V
TJ = 125
oC
7
-----
mA
VR=100V
12
30
mA
* Pulse width < 300 uS, Duty cycle < 2%
Note 1. FR-4 PCB, 2 oz Copper. Minimum recommended pad layout
Note 2. Polymide PCB, 2 oz Copper. Cathode pad dimensions 18.8x14.4mm , Anode pad
dimensions- (5.6x14.4mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com