Electronic Components Datasheet Search
  English  ▼

X  

SMI Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SMI
Description  Miniature PowerRelay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SMI Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SMI Datasheet HTML 1Page - Sanyou Corporation Limited SMI Datasheet HTML 2Page - Sanyou Corporation Limited SMI Datasheet HTML 3Page - Sanyou Corporation Limited SMI Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Insulation System : Nil-Standard, B-ClassB, F-ClassF
Contact Material : Nil-AgSnO
AgCdO
2
,
1-
:
Contact Form: Nil-FormC, M-FormA
Coil Power: D-0.72W, L-0.54W
Coil Voltage (
):
VDC
03,05,06,09,12,18,24,48
Number of Poles: 1-1 Pole, 2-2 Poles
Type Designation: SMI
Special Parameter: Nil-Standard type,
Letteror number - Special requirement, 01-new structure
Protective Construction : S-Fluxproofed,
SH-Sealed type washable
Nominal
operating
current
10%(
)
mA
Coil
resistance
1 0%(Ω)
Max
.
allowable
voltage
Pick up
-
voltage
(.)
Max
Drop out
-
voltage
(.)
Min
Nominal
operating
power
Nominal
voltage
()
VDC
SMI --1
12
1 -
-
SD
M
F
XX
CQC
TUV
UL CUL
/
E190598
R50143452
CQC07001018779
SMI
Coil Data (at 20 ℃)
130 % of
nominal
voltage
75 % of
nominal
voltage
5%of
nominal
voltage
Approx
.
0.54W
Safety Approval Ratings
(:
,
)
Note More detail of approval ratings please refer to the safety certification
Approval
FileNo.
Approved ratings
Nomenclature
Ordering Information
1 pole
10A 250 VAC
12A 277 VAC N.O
8
277
A
VAC N.C
2 poles
5
250
A
VAC
5
277
A
VAC N.C
8
277
A
VAC N.O
1 pole
10
250
A
VAC
10
30
A
VDC
2 poles
5
250
A
VAC
524
A
VDC
180.00
108.00
90.00
60.00
45.00
30.00
22.50
11.25
17
46
67
150
270
600
1,100
4,267
3
5
6
9
12
18
24
48
1 Pole
10 250
,
A
VAC
Resistive
10
30
,
A
VDC
Resistive
10 250
,
A
VAC
General Use
5 250
,
A
VAC
General Use
TV
VAC
N.O.
-3250
,
Pilotduty
VA
VAC
:250
250
5 250
,
A
VAC
General Use
Pilotduty
VA
VAC
:125
250
2 Poles
5 250
,
A
VAC
Resistive
524
A
VDC , Resistive
2 120
,
A
VAC
General Use
2 240
,
A
VAC
General Use
TV
VAC
N.O.
-2250
,
12
277
A
VAC General Use
&Resistive N.O.
8
277
A
VAC General Use
&Resistive N.C.
-3 120
TV
VAC N.O.
8
277
.
A
VAC General Use
&Resistive N.O.
5
277
.
A
VAC General Use
&Resistive N.C.
(2) Only some typical ratings are listed above. Each rating’s test condition is different, so the electrical endurance will be different.
(3) For sealed type testing, please open the ventilation hole of case before test.
If more details are required, please contact us.
(1) The above-mentioned unspecified temperature ratings, means that the ambient temperature is room temperature.
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com