Electronic Components Datasheet Search
  English  ▼

X  

SRB Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SRB
Description  Miniature Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRB Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SRB Datasheet HTML 1Page - Sanyou Corporation Limited SRB Datasheet HTML 2Page - Sanyou Corporation Limited SRB Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
UL
C UL File No
E
, -
: 190598
TUV File No
R
: 50138320
VDE File No:40033402
CQC File No
CQC
:
02001002126
Features
Safety Approval
Miniature
Power Relay
SRB Series
-
SANYOU
SANYOU RELAYS
Relays for advanced technology
SRB
5
277
A
VAC
3
277
A
VAC
5A
277VAC
1,385VA
(.)
Max
(.)
Min
40.00
33.33
22.22
16.67
11.11
8.57
125
180
405
720
1,620
2,800
10~55
1.5
Hz at double amplitude of
mm
10~55
1.5
Hz atdouble amplitude of
mm
100
.
G Min
10
.
G Min
(
10,800
./ )
at
ops h
10,000,000(at room temperature)
(
360
./ )
at
ops h
100,000(at room temperature)
Contact Capacity
Characteristic Data
5
6
9
12
18
24
(20℃)
at
Coil Data
Silver alloy
50 Ω
.(1 6
)
m
Max
A VDC
20
.
.
msec Max (no diode)
10
.
.
msec Max (no diode)
1,000 Ω
.(
500 )
M
Min DC
V
Between coilandcontact
AC
V
Hz min
:
4,000 ,50/60
1
.
Between open contacts: AC
V
Hz
750 ,50/60
1
.
min
Function
Destructive
Function
Destructive
Mechanical
Electrical
-40℃~+ 05℃(
)
1
no condensation
Approx. 3.9g
version
V
: 2.2
Nominal
voltage
()
VDC
Nominal
operating
current
10%(
)
m
A
Nominal
operating
power
coil
resistance
Max.
allowable
voltage
Pick up
-
voltage
Drop out
-
voltage
nominal
voltage
Satisfy IEC
product is available
60335-1
.
Satisfy IEC
product is available
60079-15
.


Similar Part No. - SRB

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SRB MERITEK-SRB Datasheet
128Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
TE Connectivity Ltd
SRB TEC-SRB Datasheet
755Kb / 5P
Minimum Depth, Cost-effective Shielded Power Inlet Filter
logo
Apex Electronics Co., L...
SRB APEX-ELECTRONICS-SRB Datasheet
492Kb / 3P
Miniature rocker switches,IP67
logo
JST Mfg. Co., Ltd.
SRB JST-SRB Datasheet
206Kb / 1P
CHAIN TERMINAL
logo
List of Unclassifed Man...
SRB-1.0-() ETC2-SRB-1.0-() Datasheet
232Kb / 8P
Crimping tools and machines
More results

Similar Description - SRB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
MINIATURE POWER RELAY
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
MINIATURE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com