Electronic Components Datasheet Search
  English  ▼

X  

SRDI-DB Datasheet(PDF) 3 Page - Sanyou Corporation Limited

Part # SRDI-DB
Description  Miniature Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SRDI-DB Datasheet(HTML) 3 Page - Sanyou Corporation Limited

  SRDI-DB Datasheet HTML 1Page - Sanyou Corporation Limited SRDI-DB Datasheet HTML 2Page - Sanyou Corporation Limited SRDI-DB Datasheet HTML 3Page - Sanyou Corporation Limited SRDI-DB Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
SRDI
SRDI - S - 1 12
D
M
1 - F-XX
TypeDesignation
SRDI
:
Number of Poles
Pole
:1-1
Special Parameter
Nil Standard type
:-
Contact Material
:
Moveable contact for FormC
Moveable contact for FormA
Moveable contact for FormB
Nil AgSnO
Nil AgSnO
Nil AgSnO
-
φ2.8
-
φ3.0
-
φ3.0
22
2
1-
φ2.8
1-
φ3.0
1-
φ3.0
AgCdO
AgCdO
AgCdO
2-
φ3.0
AgSnO2
6-
φ3.0
AgNi
3-
φ3.0
AgCdO
4-3
φ3.0
compounds
5-
φ3.0
Cu plated with La
Coil Power
D
W
: -0.36
Coil Voltage VDC
(
):03, 05, 06, 09, 12, 15, 18, 24, 48, 60
6-
φ3.0
AgNi
Notes
Dust covers with the marking of VDE are just for intend products with the suffixs of D
:(1)
"
"
" ",
" 3"," 6",
DD
and
" 2",
D"
"
DM
"
6".
DM
(2)
φ3.0
All stationary contacts specified as:
mm.
6-6000V impulse withstandard voltage
Ordering Information
Nomenclature
Outline Dimensions Wiring Diagram P C Board Layout unit mm
,, . .
(
:
)
Insulation System Nil Standard B Class B F Class F
:-
, -
, -
Contact Form
Nil Form C B Form B M Form A
:-
, -
,
-
Protective Construction
S Flux proofed
:-
,SH-Sealed type washable
Unless otherwise specified:
If dimension
mm tolerance
mm
<1
,
: 0.2
;
If dimension
mm tolerance
mm
1~5
,
: 0.3
;
If dimension
mm tolerance
mm
>5
,
: 0.4
.
Note Extended terminal dimension is dimension
:
.
before soldering
Tolerance of P.C.B. layout
: 0.1
.
mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com