Electronic Components Datasheet Search
  English  ▼

X  

PFR3045CT Datasheet(PDF) 2 Page - PFC Device Inc.

Part # PFR3045CT
Description  30A 45V MOS Schottky Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFR3045CT Datasheet(HTML) 2 Page - PFC Device Inc.

  PFR3045CT Datasheet HTML 1Page - PFC Device Inc. PFR3045CT Datasheet HTML 2Page - PFC Device Inc. PFR3045CT Datasheet HTML 3Page - PFC Device Inc. PFR3045CT Datasheet HTML 4Page - PFC Device Inc. PFR3045CT Datasheet HTML 5Page - PFC Device Inc. PFR3045CT Datasheet HTML 6Page - PFC Device Inc. PFR3045CT Datasheet HTML 7Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
Version 4.4
2 / 7
www.pfc-device.com
PFR3045
1. Characteristics
Maximum Ratings Characteristics
( TA = 25℃ unless otherwise specified )
Parameter
Symbol
Values
Units
DC Blocking Voltage
VRM
45
Volts
Working Peak Reverse Voltage
VRWM
Peak Repetitive Reverse Voltage
VRRM
Average Rectified Forward Current
Per device
Io
30
Amps
(Rated VR-20Khz Square Wave) - 50% duty cycle
Peak Forward Surge Current - 1/2 60hz
IFSM
200
Amps
Peak Repetitive Reverse Surge Current
(2uS-1Khz)
IRRM
2
Amps
Typical Thermal Resistance (per leg)
RθJc
oC / W
Package = TO-220AB
2
Package =ITO-220AB
4
Package =TO-262
2.5
Package =TO-263
3
Isolation voltage (ITO-220 only)
VAC
1500
V
Maximum Rate of Voltage Change ( at Rated VR )
dv/dt
10000
V/uS
Operating Junction Temperature
TJ
- 65 to +150
oC
Storage Junction Temperature
TSTG
- 65 to +150
Electrical Characteristics - (per leg)
( TA = 25℃ unless otherwise specified )
Parameter
Test Conditions
Symbol
Typ.
Max.
Units
Instantaneous
Forward Voltage
IF = 15 A
TJ = 25
oC
VF*
----
0.55
Volts
TJ = 125
oC
0.48
0.5
Instantaneous
Reverse Current
At
VRM
TJ = 25
oC
IR*
----
500
uA
TJ = 125
oC
----
100
mA
* Pulse width < 300 uS, Duty cycle < 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com