Electronic Components Datasheet Search
  English  ▼

X  

PFR3045CTF Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PFR3045CTF
Description  30A 45V MOS Schottky Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFR3045CTF Datasheet(HTML) 1 Page - PFC Device Inc.

  PFR3045CTF Datasheet HTML 1Page - PFC Device Inc. PFR3045CTF Datasheet HTML 2Page - PFC Device Inc. PFR3045CTF Datasheet HTML 3Page - PFC Device Inc. PFR3045CTF Datasheet HTML 4Page - PFC Device Inc. PFR3045CTF Datasheet HTML 5Page - PFC Device Inc. PFR3045CTF Datasheet HTML 6Page - PFC Device Inc. PFR3045CTF Datasheet HTML 7Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
30A 45V MOS Schottky Rectifier
Apr-2018
Version 4.4
1 / 7
PFC Device Corporation
PFR3045CT
PFR3045CTF
PFR3045CTI
PFR3045CTB
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
15 × 2
A
VRRM
45
V
VF@ 15A , Tj=125
oC
0.48
V, typ.
TJ Operating Junction
Temperature
-65 to +150
oC
Features
Low Forward Voltage Drop
Reliable High Temperature Operation
Softest, fast switching capability
150
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
PFR3045CT
TO-220AB
PFR3045CTF
ITO-220AB
PFR3045CTI
TO-262
PFR3045CTB
TO-263


Similar Part No. - PFR3045CTF

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PFR3045PT PFC-PFR3045PT Datasheet
662Kb / 6P
30A 45V MOS Schottky Rectifier
PFR3045PT-L PFC-PFR3045PT-L Datasheet
662Kb / 6P
30A 45V MOS Schottky Rectifier
More results

Similar Description - PFR3045CTF

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
P10V45SP PFC-P10V45SP Datasheet
723Kb / 5P
10A 45V MOS Schottky Rectifier
P15L45SP PFC-P15L45SP Datasheet
726Kb / 5P
15A 45V MOS Schottky Rectifier
PFR30A45CT PFC-PFR30A45CT Datasheet
775Kb / 5P
30A 45V MOS Schottky Rectifier
PFR30A45PT PFC-PFR30A45PT Datasheet
663Kb / 6P
30A 45V MOS Schottky Rectifier
PFR30L45CT PFC-PFR30L45CT Datasheet
774Kb / 7P
30A 45V MOS Schottky Rectifier
PFR30V45CT PFC-PFR30V45CT Datasheet
775Kb / 7P
30A 45V MOS Schottky Rectifier
PFR30V45PT PFC-PFR30V45PT Datasheet
662Kb / 6P
30A 45V MOS Schottky Rectifier
PFR3045PT PFC-PFR3045PT Datasheet
662Kb / 6P
30A 45V MOS Schottky Rectifier
PFR4045PT PFC-PFR4045PT Datasheet
661Kb / 6P
40A 45V MOS Schottky Rectifier
PFR6045PT PFC-PFR6045PT Datasheet
662Kb / 6P
60A 45V MOS Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com