Electronic Components Datasheet Search
  English  ▼

X  

MSK3554 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK3554
Description  HIGH SPEED, WIDEBAND OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK3554 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK3554 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK3554 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK3554 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK3554 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK3554 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
HEAT SINKING
Refer to the following thermal model and governing equa-
tions to determine appropriate heat sinking for your application.
Example:
This example demonstrates a worst case analysis for the op-
amp output stage. This occurs when the output voltage is 1/2
the power supply voltage. Under this condition, maximum power
transfer occurs and the output is under maximum stress.
Conditions:
VCC = ±16VDC
VO = ±8Vp Sine Wave, Freq. = 1KHZ
RL = 100Ω
Governing Equation:
TJ=PD x (RθJC + RθCS + RθSA) + TA
Where
TJ = Junction Temperature
PD = Total Power Dissipation
RθJC = Junction to Case Thermal Resistance
RθCS = Case to Heat Sink Thermal Resistance
RθSA = Heat Sink to Ambient Thermal Resistance
TC = Case Temperature
TA = Ambient Temperature
TS = Sink Temperature
For a worst case analysis we will treat the +8Vp sine wave
as an 8 VDC output voltage.
1.) Find Driver Power Dissipation
PD = (VCC-VO) (VO/RL)
= (16V-8V) (8V/100Ω)
= .64W
2.) For conservative design, set TJ=+125°C
3.) For this example, worst case TA=+90°C
4.) RθJC = 37°C/W from MSK 3554B Data Sheet
5.) RθCS = 0.15°C/W for most thermal greases
6.) Rearrange governing equation to solve for RθSA
RθSA = ((TJ - TA)/PD) - (RθJC) - (RθCS)
= ((125°C - 90°C) / .64W) - 37°C/W - .15°C/W
= 54.7 - 37.15
= 17.54°C/W
The heat sink in this example must have a thermal resistance
of no more than 17.54°C/W to maintain a junction temperature
of no more than +125°C.
OFFSET NULL
Typically, the MSK 3554(B) has an input offset voltage of
less than ±0.5mV. If it is desirable to adjust the offset closer
to "zero", or to a value other than "zero", the circuit below is
recommended. Rp should be a ten-turn 20KΩ potentiometer.
Typical offset adjust is ±20mV.
Thermal Model:
GAIN
-1
-10
-100
follower
Rfb
5.6KΩ
5.6KΩ
10KΩ
0Ω
Cfb
2.0pF
1.2pF
0.0pF
0pF
Ccomp
10pF
10pF
0.0pF
12pF
Rin
5.6KΩ
560Ω
100Ω
0Ω
COMPONENT SELECTION TABLE
COMPENSATION
The compensation capacitor is connected between pins 1
and 3 and is used to optimize bandwidth and slew rate while
maintaining circuit stability. The effect of compensation ca-
pacitance can be seen in the Bode Plot under the Typical Perfor-
mance Curves. As closed loop gain increases, compensation
capacitance can decrease and higher slew rates and wider band-
widths will be realized. See the component selection table for
recommended values of input and feedback resistance as well
as feedback capacitance and compensation capacitance.
3
Rev. B 7/00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com