Electronic Components Datasheet Search
  English  ▼

X  

PFR4045CT Datasheet(PDF) 5 Page - PFC Device Inc.

Part # PFR4045CT
Description  40A 45V MOS Schottky Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFR4045CT Datasheet(HTML) 5 Page - PFC Device Inc.

  PFR4045CT Datasheet HTML 1Page - PFC Device Inc. PFR4045CT Datasheet HTML 2Page - PFC Device Inc. PFR4045CT Datasheet HTML 3Page - PFC Device Inc. PFR4045CT Datasheet HTML 4Page - PFC Device Inc. PFR4045CT Datasheet HTML 5Page - PFC Device Inc. PFR4045CT Datasheet HTML 6Page - PFC Device Inc. PFR4045CT Datasheet HTML 7Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Characteristics
Version 4.4
5 / 7
www.pfc-device.com
PFR4045
4. Package information
Package Outline Dimensions millimeters
Dim.
Min.
Max.
A
-----
10.50
B
2.50
3.50
C
3.50
4.10
D
13.10
13.90
E
1.15
1.49
F
-----
4.50
G
0.65
0.95
H
2.29
2.79
I
4.80
5.30
J
4.40
4.80
K
1.14
1.40
L
5.84
6.86
M
8.50
9.60
N
2.03
2.92
O
0.30
0.64
TO-220AB
All Dimensions in millimeter



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com