Electronic Components Datasheet Search
  English  ▼

X  

MBRM110L Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRM110L
Description  Surface Mount Schottky Power Rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRM110L Datasheet(HTML) 3 Page - ON Semiconductor

  MBRM110L Datasheet HTML 1Page - ON Semiconductor MBRM110L Datasheet HTML 2Page - ON Semiconductor MBRM110L Datasheet HTML 3Page - ON Semiconductor MBRM110L Datasheet HTML 4Page - ON Semiconductor MBRM110L Datasheet HTML 5Page - ON Semiconductor MBRM110L Datasheet HTML 6Page - ON Semiconductor MBRM110L Datasheet HTML 7Page - ON Semiconductor MBRM110L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MBRM110L
http://onsemi.com
3
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1
0
VR, REVERSE VOLTAGE (VOLTS)
1E–5
1E–6
0.1
0.3
0.1
0.2
0.4
2
0.6
0.5
0.7
100
°C
TJ = 125°C
75
°C
25
°C
–55
°C
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1
0.1
0.3
0.1
0.2
0.4
0.6
0.5
0.7
100
°C
TJ = 125°C
75
°C
25
°C
–55
°C
14
36
58
710
9
1E–3
1E–4
1E–1
1E–2
100
°C
TJ = 125°C
75
°C
25
°C
0
VR, REVERSE VOLTAGE (VOLTS)
1E–5
2
14
36
58
710
9
1E–3
1E–4
1E–1
1E–2
100
°C
TJ = 125°C
75
°C
25
°C
1E+0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com