Electronic Components Datasheet Search
  English  ▼

X  

PCM1680DBQ Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1680DBQ
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1680DBQ Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1680DBQ Datasheet HTML 12Page - Texas Instruments PCM1680DBQ Datasheet HTML 13Page - Texas Instruments PCM1680DBQ Datasheet HTML 14Page - Texas Instruments PCM1680DBQ Datasheet HTML 15Page - Texas Instruments PCM1680DBQ Datasheet HTML 16Page - Texas Instruments PCM1680DBQ Datasheet HTML 17Page - Texas Instruments PCM1680DBQ Datasheet HTML 18Page - Texas Instruments PCM1680DBQ Datasheet HTML 19Page - Texas Instruments PCM1680DBQ Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
www.ti.com
DATA1, DATA2,
DATA3, DATA4
t(BCH)
1.4 V
1.4 V
1.4 V
BCK
LRCK
t(BCL)
t(LS)
t(BCY)
t(LH)
t(DS)
t(DH)
T0010-04
OVERSAMPLING RATE CONTROL
ZERO FLAG
PCM1680
SLES133 – MARCH 2005
PARAMETER
MIN
UNIT
t(BCY)
BCK pulse cycle time
1/(32 fS), 1/(48 fS), 1/(64 fS)(1)
t(BCH)
BCK pulse duration, HIGH
35
ns
t(BCL)
BCK pulse duration, LOW
35
ns
t(LS)
LRCK setup time to BCK rising edge
10
ns
t(LH)
LRCK hold time to BCK rising edge
10
ns
t(DS)
DATA1, DATA2, DATA3, DATA4 setup time
10
ns
t(DH)
DATA1, DATA2, DATA3, DATA4 hold time
10
ns
(1)
fS is the sampling frequency.
Figure 23. Audio Interface Timing
The PCM1680 automatically controls the oversampling rate of the delta-sigma D/A converters using the system
clock frequency. The oversampling rate is set to 64
× oversampling with an 1152-f
S, 768-fS, or 512-fS system
clock; 32
× oversampling with a 384-f
S or 256-fS system clock; and 16× oversampling with a 192-fS or 128-fS
system clock.
The PCM1680 has two zero-flag pins, ZERO1 (pin 1) and ZERO2 (pin 28), which are assigned to the
combinations A through D as shown in Table 3. Zero-flag combinations are selected using the zero-flag
combination bits, AZRO[1:0], located in control register 13 of the PCM1680. If the input data of the L-channel
and/or R-channel of all assigned channels remains at a logic-0 level for 1024 sampling periods (LRCK clock
periods), ZERO1 and ZERO2 are set to a logic-1 state, or high level. If the input data of any of the assigned
channels contains a logic-1, ZERO1 and ZERO2 are set to a logic-0 state immediately.
The active polarity of the zero-flag output can be inverted by setting the ZREV bit of control register 10 to 1. The
reset default is active-high output or ZREV = 0.
Table 3. Zero-Flag Output Combinations
ZERO-FLAG COMBINATION
ZERO1 (PIN 1)
ZERO2 (PIN 28)
A
DATA1 L-ch
DATA1 R-ch
B
N/A
DATA[1:4]
C
DATA4
DATA[1:3]
D
DATA1
DATA[2:4]
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com