Electronic Components Datasheet Search
  English  ▼

X  

MSM7702 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM7702
Description  Single Rail CODEC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7702 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM7702 Datasheet HTML 5Page - OKI electronic componets MSM7702 Datasheet HTML 6Page - OKI electronic componets MSM7702 Datasheet HTML 7Page - OKI electronic componets MSM7702 Datasheet HTML 8Page - OKI electronic componets MSM7702 Datasheet HTML 9Page - OKI electronic componets MSM7702 Datasheet HTML 10Page - OKI electronic componets MSM7702 Datasheet HTML 11Page - OKI electronic componets MSM7702 Datasheet HTML 12Page - OKI electronic componets MSM7702 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
¡ Semiconductor
MSM7702-01/02/03
9/17
ELECTRICAL CHARACTERISTICS
DC and Digital Interface Characteristics
Parameter
Power Supply Current
Input High Voltage
Input Low Voltage
High Level Input Leakage Current
Low Level Input Leakage Current
Digital Output Low Voltage
Digital Output Leakage Current
Input Capacitance
Symbol
IDD1
IDD2
IDD3
VIH
VIL
IIH
IIL
VOL
IO
Condition
Operating mode, No signal
Power-save mode, PDN = 1,
XSYNC Æ OFF
Power-down mode, PDN = 0
—
—
—
—
Pull-up resistance > 500 W
PCMOUT
Min.
—
—
—
0.45 ¥
VDD
0.0
—
—
0.0
—
Typ.
5
1.2
0.01
—
—
—
—
0.2
—
Max.
9
3.0
0.05
VDD
0.16 ¥
VDD
2.0
0.5
0.4
10
Unit
mA
mA
mA
V
V
mA
mA
V
mA
CIN
—
—5—
pF
(VDD = 2.7 V to 3.8 V, Ta = –30°C to +85°C)
Analog Input Resistance
RIN
AIN+, AIN–
—
10
—
MW
Transmit Analog Interface Characteristics
Input Resistance
Output Load Resistance
Output Load Capacitance
Output Amplitude
Offset Voltage
RINX
RLGX
CLGX
VOGX
VOSGX
AIN+, AIN–
Gain = 1
10
20
—
–0.7
–20
—
—
—
—
—
—
—
30
+0.7
+20
MW
kW
pF
V
mV
GSX with respect to SG
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
(VDD = 2.7 V to 3.8 V, Ta = –30°C to +85°C)
Receive Analog Interface Characteristics
Output Load Resistance
Output Load Capacitance
RLAO
CLAO
1.2
—
—
—
—
50
kW
pF
Output Amplitude
Offset Voltage
VOAO
VOSAO
–1.0
–100
—
—
+1.0
+100
V
mV
AOUT with respect to SG
AOUT with respect to SG
AOUT with respect to SG
AOUT with respect to SG
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
(VDD = 2.7 V to 3.8 V, Ta = –30°C to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com