Electronic Components Datasheet Search
  English  ▼

X  

2SC2235 Datasheet(PDF) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

Part # 2SC2235
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOOCHIN [SHENZHEN KOO CHIN ELECTRONICS CO., LTD.]
Direct Link  http://www.hz-dz.net
Logo KOOCHIN - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

2SC2235 Datasheet(HTML) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

  2SC2235 Datasheet HTML 1Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD. 2SC2235 Datasheet HTML 2Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC2235 TRANSISTOR (NPN)
FEATURES
Complementary to 2SA965
MAXIMUM RATINGS (T
B
AB=25
℃ unless otherwise noted)
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V
B
(BR)CBOB
I
B
CB=1mA,IBEB=0
120
V
Collector-emitter breakdown voltage
V
B
(BR)CEOB
I
B
CB=10mA,IBBB=0
120
V
Emitter-Base breakdown voltage
V
B
(BR)EBOB
I
B
EB=1mA,IBCB=0
5
V
Collector cut-off current
I
B
CBOB
V
B
CBB=120V,IBEB=0
0.1
μA
Emitter cut-off current
I
B
EBOB
V
B
EBB=5V,IBCB=0
0.1
μA
DC current gain
h
B
FEB
V
B
CEB=5V,IBCB=100mA
80
240
Collector-emitter saturation voltage
V
B
CEB(sat)
I
B
CB=500mA,IBBB=50mA
1.0
V
Base-emitter voltage
V
B
BEB
I
B
CB=500mA, VBCEB=5V
1.0
V
Transition frequency
f
B
TB
V
B
CEB=5V, IBCB=100mA
120
MHz
Collector output capacitance
Cob
V
B
CEB=10V, IBEB=0
f=1MHz
30
pF
CLASSIFICATION OF
hFE
Rank
O
Y
Range
80
-160
120
-240
TO-92MOD
1. EMITTER
2. COLLECTER
3. BASE
123
Symbol
Parameter
Value
Units
V
B
CBOB
Collector-Base Voltage
120
V
V
B
CEOB
Collector-Emitter Voltage
120
V
V
B
EBOB
Emitter-Base Voltage
5
V
I
B
CB
Collector Current -Continuous
0.8
A
P
B
CB
Collector Power Dissipation
0.9
W
T
B
JB
Junction Temperature
150
℃
T
B
stgB
Storage Temperature
-55to+150
℃


Similar Part No. - 2SC2235

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2235 TOSHIBA-2SC2235 Datasheet
151Kb / 2P
TRANSISTOR (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
01-Sep-1997
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2235 TOSHIBA-2SC2235 Datasheet
108Kb / 4P
Silicon NPN Epitaxial Type (PCT Process)
logo
SeCoS Halbleitertechnol...
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
105Kb / 4P
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
More results

Similar Description - 2SC2235

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com