Electronic Components Datasheet Search
  English  ▼

X  

SM3040CSU4 Datasheet(PDF) 4 Page - Sinopower Semiconductor Inc

Part # SM3040CSU4
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM3040CSU4 Datasheet(HTML) 4 Page - Sinopower Semiconductor Inc

  SM3040CSU4 Datasheet HTML 1Page - Sinopower Semiconductor Inc SM3040CSU4 Datasheet HTML 2Page - Sinopower Semiconductor Inc SM3040CSU4 Datasheet HTML 3Page - Sinopower Semiconductor Inc SM3040CSU4 Datasheet HTML 4Page - Sinopower Semiconductor Inc SM3040CSU4 Datasheet HTML 5Page - Sinopower Semiconductor Inc SM3040CSU4 Datasheet HTML 6Page - Sinopower Semiconductor Inc SM3040CSU4 Datasheet HTML 7Page - Sinopower Semiconductor Inc SM3040CSU4 Datasheet HTML 8Page - Sinopower Semiconductor Inc SM3040CSU4 Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SM3040CSU4
www.sinopowersemi.com
4
Copyright
© Sinopower Semiconductor, Inc.
Rev. A.4 - February, 2015
®
P Channel Electrical Characteristics (T
A = 25°C unless otherwise noted)
P Channel
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=-250µA
-30
-
-
V
VDS=-24V, VGS=0V
-
-
-1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-
-
-30
µA
VGS(th)
Gate Threshold Voltage
V
DS=VGS, IDS=-250µA
-1.3
-1.8
-2.3
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
-
-
±100
nA
VGS=-10V, IDS=-12A
-
29
37.5
RDS(ON)
d
Drain-Source On-state Resistance
VGS=-4.5V, IDS=-5A
-
42
58
m
Ω
Diode Characteristics
VSD
d
Diode Forward Voltage
ISD=-1A, VGS=0V
-
-0.75
-1
V
trr
Reverse Recovery Time
-
11
-
ns
Qrr
Reverse Recovery Charge
I
DS=-12A, dlSD /dt=100A/µs
-
4
-
nC
Dynamic Characteristics
e
R
G
Gate Resistance
V
GS=0V,VDS=0V,F=1MHz
-
3.3
6.6
Ω
C
iss
Input Capacitance
-
580
754
C
oss
Output Capacitance
-
105
-
C
rss
Reverse Transfer Capacitance
VGS=0V,
VDS=-15V,
Frequency=1.0MHz
-
72
-
pF
t
d(ON)
Turn-on Delay Time
-
8.7
-
t
r
Turn-on Rise Time
-
10
-
t
d(OFF)
Turn-off Delay Time
-
22
-
t
f
Turn-off Fall Time
V
DD=-15V, RL=15Ω,
I
DS=-1A, VGEN=-10V,
RG=6
Ω
-
9
-
ns
Gate Charge Characteristics
e
Qg
Total Gate Charge
-
13
-
Qgs
Gate-Source Charge
-
1
-
Qgd
Gate-Drain Charge
VDS=-15V, VGS=-10V,
IDS=-12A
-
4
-
nC
Note d:Pulse test; pulse width
≤300µs, duty cycle≤2%.
Note e:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com