Electronic Components Datasheet Search
  English  ▼

X  

NJM2860 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2860
Description  LOW DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2860 Datasheet(HTML) 7 Page - New Japan Radio

  NJM2860 Datasheet HTML 1Page - New Japan Radio NJM2860 Datasheet HTML 2Page - New Japan Radio NJM2860 Datasheet HTML 3Page - New Japan Radio NJM2860 Datasheet HTML 4Page - New Japan Radio NJM2860 Datasheet HTML 5Page - New Japan Radio NJM2860 Datasheet HTML 6Page - New Japan Radio NJM2860 Datasheet HTML 7Page - New Japan Radio NJM2860 Datasheet HTML 8Page - New Japan Radio NJM2860 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJM2860
TYPICAL CHARACTERISTICS
0.1
1
10
100
1
µ
10
µ
100
µ
1m
10m
100m
0.02
Output Current : Io(mA)
@:Ta=25
oC
Co=1
µF(Ceramic)
Cp=0.01
µF
NJM2860_3.0V
Equivalent Serise Resistance vs. Output Current
Oscillation Free
0
0.05
0.1
0.15
0.2
0.25
0.3
-50
0
50
100
150
Ambient Temperature : Ta (
oC)
@:VIN=4V
Io=60mA
Co=1
µF(Ceramic)
Cp=0.01
µF
NJM2860_3.0V
Dropout Voltage vs. Ambient Temperature
0
0.5
1
1.5
2
-50
0
50
100
150
Ambient Temperature : Ta (
oC)
NJM2860_3.0V
Control Voltage vs. Ambient Temperature
@:VIN=4V
Io=30mA
Co=1
µF(Ceramic)
Cp=0.01
µF
2.9
2.95
3
3.05
3.1
-50
0
50
100
150
Ambient Temperature Ta (
oC)
NJM2860_3.0V
Output Voltage vs. Ambient Temperature
@:VIN=4V
Io=30mA
Co=1
µF(Ceramic)
Cp=0.01
µF
0
50
100
150
200
-50
0
50
100
150
Ambient Temperature : Ta (
oC)
NJM2860_3.0V
Quiescent Current vs. Ambient Temperature
@:VIN=4V
Output is open.
Co=1
µF(Ceramic)
Cp=0.01
µF
-0.1
-0.05
0
0.05
0.1
-50
0
50
100
150
Temperature : Ta (
oC)
NJM2860_3.0V
Line Regulation v.s. Temperature
@:dVIN=4-9V
Io=30mA
Co=1
µF(Ceramic)
Cp=0.01
µF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com