Electronic Components Datasheet Search
  English  ▼

X  

TPSMCJ Datasheet(PDF) 3 Page - Anova Technologies CO., LTD.

Part # TPSMCJ
Description  Surface Mount Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

TPSMCJ Datasheet(HTML) 3 Page - Anova Technologies CO., LTD.

  TPSMCJ Datasheet HTML 1Page - Anova Technologies CO., LTD. TPSMCJ Datasheet HTML 2Page - Anova Technologies CO., LTD. TPSMCJ Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPSMCJ Series
www.anova-semi.com
Revision: C
Dec-29-2015
P. 3
Uni
Bi
Min (V) Max (V) IT (mA)
TPSMCJ10A
TPSMCJ10CA
GDXA BDXA
11.10
12.30
1
5
10.0
88.24
17.0
TPSMCJ11A
TPSMCJ11CA
GDZA
BDZA
12.20
13.50
1
1
11.0
82.42
18.2
TPSMCJ12A
TPSMCJ12CA
GEEA
BEEA
13.30
14.70
1
1
12.0
75.38
19.9
TPSMCJ13A
TPSMCJ13CA
GEGA
BEGA
14.40
15.90
1
1
13.0
69.77
21.5
TPSMCJ14A
TPSMCJ14CA
GEKA
BEKA
15.60
17.20
1
1
14.0
64.66
23.2
TPSMCJ15A
TPSMCJ15CA
GEMA BEMA
16.70
18.50
1
1
15.0
61.48
24.4
TPSMCJ16A
TPSMCJ16CA
GEPA
BEPA
17.80
19.70
1
1
16.0
57.69
26.0
TPSMCJ17A
TPSMCJ17CA
GERA
BERA
18.90
20.90
1
1
17.0
54.35
27.6
TPSMCJ18A
TPSMCJ18CA
GETA
BETA
20.00
22.10
1
1
18.0
51.37
29.2
TPSMCJ19A
TPSMCJ19CA
GEBA
BEBA
21.10
23.30
1
1
19.0
48.73
30.8
TPSMCJ20A
TPSMCJ20CA
GEVA
BEVA
22.20
24.50
1
1
20.0
46.30
32.4
TPSMCJ22A
TPSMCJ22CA
GEXA
BEXA
24.40
26.90
1
1
22.0
42.25
35.5
TPSMCJ24A
TPSMCJ24CA
GEZA
BEZA
26.70
29.50
1
1
24.0
38.56
38.9
TPSMCJ26A
TPSMCJ26CA
GFEA
BFEA
28.90
31.90
1
1
26.0
35.63
42.1
TPSMCJ28A
TPSMCJ28CA
GFGA
BFGA
31.10
34.40
1
1
28.0
33.04
45.4
TPSMCJ30A
TPSMCJ30CA
GFKA
BFKA
33.30
36.80
1
1
30.0
30.99
48.4
TPSMCJ33A
TPSMCJ33CA
GFMA BFMA
36.70
40.60
1
1
33.0
28.14
53.3
TPSMCJ36A
TPSMCJ36CA
GFPA
BFPA
40.00
44.20
1
1
36.0
25.82
58.1
TPSMCJ40A
TPSMCJ40CA
GFRA
BFRA
44.40
49.10
1
1
40.0
23.26
64.5
TPSMCJ43A
TPSMCJ43CA
GFTA
BFTA
47.80
52.80
1
1
43.0
21.61
69.4
TPSMCJ45A
TPSMCJ45CA
GFVA
BFVA
50.00
55.30
1
1
45.0
20.63
72.7
TPSMCJ48A
TPSMCJ48CA
GFXA
BFXA
53.30
58.90
1
1
48.0
19.38
77.4
TPSMCJ51A
TPSMCJ51CA
GFZA
BFZA
56.70
62.70
1
1
51.0
18.20
82.4
TPSMCJ54A
TPSMCJ54CA
GGEA
BGEA
60.00
66.30
1
1
54.0
17.22
87.1
TPSMCJ58A
TPSMCJ58CA
GGGA BGGA
64.40
71.20
1
1
58.0
16.03
93.6
TPSMCJ60A
TPSMCJ60CA
GGKA BGKA
66.70
73.70
1
1
60.0
15.50
96.8
TPSMCJ64A
TPSMCJ64CA
GGMA BGMA
71.10
78.60
1
1
64.0
14.56
103.0
TPSMCJ70A
TPSMCJ70CA
GGPA
BGPA
77.80
86.00
1
1
70.0
13.27
113.0
TPSMCJ75A
TPSMCJ75CA
GGRA BGRA
83.30
92.10
1
1
75.0
12.40
121.0
TPSMCJ78A
TPSMCJ78CA
GGTA
BGTA
86.70
95.80
1
1
78.0
11.90
126.0
Note:
1. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
2. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Device
Marking
Code
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage
IR @VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage
VC @IPP
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com