Electronic Components Datasheet Search
  English  ▼

X  

US3A Datasheet(PDF) 2 Page - Anova Technologies CO., LTD.

Part # US3A
Description  Surface Mount High Efficiency Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

US3A Datasheet(HTML) 2 Page - Anova Technologies CO., LTD.

  US3A Datasheet HTML 1Page - Anova Technologies CO., LTD. US3A Datasheet HTML 2Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US3A-US3M
www.anova-semi.com
Revision: A
Jun-25-2010
P. 2
AMBIENT TEMPERATURE , (℃)
AVERAGE FORWARD CURRENT, (A)
20
3
1
130
55
3
2
105
150
0
3
93
4
85
5
79
10
61
20
48
50
35
100
30
Fig. 1 - Forward Current Derating Curve
0.7
0.1
0.85
0.1
1.05
0.1
1
100
1.6
100
0.8
0.4
0.9
0.5
1.1
0.38
2
67
3
72
0.8
0.95
0.95
1.2
1.2
1.3
5
44
5
58.5
0.9
3
1.03
2.8
1.3
2.9
10
34
10
46
1
10
1.1
5
1.5
7.3
20
28
20
38
1.1
20.5
1.2
9
1.6
9.8
50
23
50
32
1.2
34
1.4
20
1.8
15
100
21
100
30
1.3
52
1.6
33
2
20
1.4
80
1.8
47
1.5
100
2
60
Fig. 3 - Typical Forward Characteristics
Fig.4 - Typical Junction Capacitance
Ratings and Characteristics Curves (TA=25℃ unless otherwise noted)
Fig. 2 - Peak Forward Surge Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
100
120
140
160
Ambient Temperature , (℃)
Single phase half wave
resistive or inductive load
0
30
60
90
120
150
1
10
100
Number of Cycles at 60 Hz
Pulse width 8.3 ms
single half-sine-wave
0.1
1
10
100
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Instantaneous Forward Voltage , (V)
US3A to US3F
US3J to US3M
US3G
TJ = 25℃
Pulse width = 300us
10
100
1
10
100
Reverse Voltage , (V)
US3A to US3G
US3J to US3M
TJ= 25℃
f = 1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com