Electronic Components Datasheet Search
  English  ▼

X  

PT10100D Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PT10100D
Description  10A 100V HPTR짰 Schottky Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PT10100D Datasheet(HTML) 1 Page - PFC Device Inc.

  PT10100D Datasheet HTML 1Page - PFC Device Inc. PT10100D Datasheet HTML 2Page - PFC Device Inc. PT10100D Datasheet HTML 3Page - PFC Device Inc. PT10100D Datasheet HTML 4Page - PFC Device Inc. PT10100D Datasheet HTML 5Page - PFC Device Inc. PT10100D Datasheet HTML 6Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10A 100V HPTR® Schottky Rectifier
Dec-2018
Version 4.5
1 / 6
PFC Device Corporation
PT10100E
PT10100D
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
IF(AV) Rectangular
Waveform
5 × 2
A
VRRM
100
V
VF@ 5A , Tj=125
oC
0.65
V, typ.
TJ Operating Junction
Temperature
-40 to +150
oC
Features
Reliable High Temperature Operation
Softest, fast switching capability
150
oC Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Typical Applications
Device optimized for low forward voltage drop
to maximize efficiency in Power Supply
applications
PT10100E
TO-251 (I-PAK)
PT10100D
TO-252 (D-PAK)
1
2
3
2
3
1


Similar Part No. - PT10100D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PT10101EBE2 VISHAY-PT10101EBE2 Datasheet
106Kb / 4P
Transformers Pulse, Trigger Type
29-Nov-07
More results

Similar Description - PT10100D

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PT20V100N5 PFC-PT20V100N5 Datasheet
818Kb / 5P
20A 100V HPTR짰 Schottky Rectifier
PTA3L100 PFC-PTA3L100 Datasheet
564Kb / 5P
3A 100V HPTR짰 Schottky Rectifier
PTB3L100 PFC-PTB3L100 Datasheet
560Kb / 5P
3A 100V HPTR짰 Schottky Rectifier
PTB3V100 PFC-PTB3V100 Datasheet
564Kb / 5P
3A 100V HPTR짰 Schottky Rectifier
PTR10L100CT PFC-PTR10L100CT Datasheet
773Kb / 7P
10A 100V HPTR짰 Schottky Rectifier
PTR10L120CT PFC-PTR10L120CT Datasheet
775Kb / 7P
10A 120V HPTR짰 Schottky Rectifier
PTR10V100CT PFC-PTR10V100CT Datasheet
774Kb / 7P
10A 100V HPTR짰 Schottky Rectifier
PTR20H100CT PFC-PTR20H100CT Datasheet
778Kb / 7P
20A 100V HPTR짰 Schottky Rectifier
PTR20L100CT PFC-PTR20L100CT Datasheet
774Kb / 7P
20A 100V HPTR짰 Schottky Rectifier
PTR20V100CT PFC-PTR20V100CT Datasheet
775Kb / 7P
20A 100V HPTR짰 Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com