Electronic Components Datasheet Search
  English  ▼

X  

SY33F Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SY33F
Description  Magnetic Latching Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SY33F Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SY33F Datasheet HTML 1Page - Sanyou Corporation Limited SY33F Datasheet HTML 2Page - Sanyou Corporation Limited SY33F Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/21
Model
Nominal switching capacity res load
(
.
)
Max switching current
.
Max switching voltage
.
Max switching power
.
Contact Capacity
1
.
m
Max
Ω
30msec. Max.
1,000
.(
500 )
M
Min DC
V
Ω
AC2
V
Hz
,000 ,50/60
1min
AC
V
Hz
4,000 ,50/60
1min
Silver alloy
Between open contacts:
Between coil and contact:
-40
℃~+70℃ (
)
no condensation
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(
1,800
./ )
at
ops h
(
120
./ )
at
ops h
10~55
1.5
Hz at double amplitude of
mm
10~55
1.5
Hz at double amplitude of
mm
Contact material
Initial contact resistance at VDC A
(
6
1 )
Operate time at nominal volt
(
.)
Release time at nominal volt
(
.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
(
)
operations
Ambient temperature
Characteristic Data
Coil Data (
20℃)
at
30msec. Max.
10 000
,
cycles
80% of
nominal
voltage
80% of
nominal
voltage
Features
● 80
.
A contact switching capability
●
-
.
Low coil power consumption and Pulse driven
●
4
.
Dielectric Strength of KV between coil and contacts
●
-
.
Excellent anti shock ability and high reliability
●
.
Both single and dual coil relay available
SANYOU RELAYS
Relays for advanced technology
Magnetic
Latching Relay
Single coil
resistance
±10% (
Ω)
voltage
(
.)
Max
voltage
(
.)
Max
Nominal
operating
power
Nominal
voltage
(
)
VDC
Dual coil
resistance
±10%
(Ω)
Pulse
duration
(
)
ms
SY
F Series
33 -
Version V
: 1.4
100G Min.
10
.
G min
100,000 cycles
Standard
5
6
9
12
24
48
100Min.
3 /6
W W
Between phase and phase
AC
V
Hz
:
4,500 , 50/60
SY
F
33
80
250
A
VAC
80 A
250 VAC
20,000
VA
8.3
12
27
48
192
768
4.15
6
13.5
24
96
384
4.15
6
13.5
24
96
384
Operate
Release
Single Dual:
/
● Environmental friendly product (RoHS Compliant)
1min


Similar Part No. - SY33F

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SY33 SANYOU-SY33 Datasheet
176Kb / 3P
Magnetic Latching Relay
SY33-100-105DB1R SANYOU-SY33-100-105DB1R Datasheet
176Kb / 3P
Magnetic Latching Relay
SY33-100-105DB2R SANYOU-SY33-100-105DB2R Datasheet
176Kb / 3P
Magnetic Latching Relay
SY33-100-105DM1R SANYOU-SY33-100-105DM1R Datasheet
176Kb / 3P
Magnetic Latching Relay
SY33-100-105DM2R SANYOU-SY33-100-105DM2R Datasheet
176Kb / 3P
Magnetic Latching Relay
More results

Similar Description - SY33F

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SMAE SANYOU-SMAE Datasheet
493Kb / 3P
Magnetic Latching Relay
SY31D SANYOU-SY31D Datasheet
281Kb / 3P
Magnetic Latching Relay
SY31GN SANYOU-SY31GN Datasheet
279Kb / 3P
Magnetic Latching Relay
SY31X SANYOU-SY31X Datasheet
611Kb / 3P
Magnetic Latching Relay
SY32C SANYOU-SY32C Datasheet
329Kb / 4P
Magnetic Latching Relay
SY32M SANYOU-SY32M Datasheet
640Kb / 5P
Magnetic Latching Relay
SY33 SANYOU-SY33 Datasheet
176Kb / 3P
Magnetic Latching Relay
SY37 SANYOU-SY37 Datasheet
692Kb / 3P
Magnetic Latching Relay
SY38-17 SANYOU-SY38-17 Datasheet
659Kb / 3P
Magnetic Latching Relay
SY73 SANYOU-SY73 Datasheet
722Kb / 3P
Magnetic Latching Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com