Electronic Components Datasheet Search
  English  ▼

X  

SY37 Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SY37
Description  Magnetic Latching Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SY37 Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SY37 Datasheet HTML 1Page - Sanyou Corporation Limited SY37 Datasheet HTML 2Page - Sanyou Corporation Limited SY37 Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
●Industrial machinery
●Electrical device
Unless otherwise specified:
If dimension
mm tolerance
mm
<1
,
: ±0.2
;
If dimension
mm tolerance
mm
1~5
,
: ±0.3
;
If dimension
mm tolerance
mm
>5
,
: ±0.4
.
Note
Extended terminal dimension is dimension
: 1.
.
before soldering
2.
:±0.1
.
Tolerance of mounting holes
mm
Typical Applications
Outline Dimensions Wiring Diagram
,
,
(
:
)
unit
mm
Mounting Holes
2/2
● Home appliances
●Meter device
wiring diagram of dual coils
single coil has no PIN2
release
operate
operate
release
blue lead
red lead
black lead
black lead
red lead
wiring diagram of single coil
Mounting Holes
S 37
Y
Ordering Information
Nomenclature
Switching Capacity: 200:200A
SY
-2 12
D
M 2
-XX
37 -200
Special Parameter:Nil-Standard type,XX-Customized Requirement
R
Contact Form:M-Form A,B-FormB
Coil Power:D:Standard type -Single/Dual:19.2W/24.0W or 30.0W
Coil Voltage (VDC): 12, 24
Number of Poles:2-2 Pole
Type Designation:SY
Coil Type:1-Single coil,2-Dual coils
Polarity:Nil-Positive polarity, R-Reverse polarity
37



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com