Electronic Components Datasheet Search
  English  ▼

X  

SY73 Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SY73
Description  Magnetic Latching Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SY73 Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SY73 Datasheet HTML 1Page - Sanyou Corporation Limited SY73 Datasheet HTML 2Page - Sanyou Corporation Limited SY73 Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
●Industrial mechinery
●Air conditioner control
Typical Applications
Outline Dimensions Wiring Diagram
,
,
(
:
)
unit
mm
Mounting Holes
SY
73
80 % of
nominal
voltage
80 % of
nominal
voltage
Single coil
resistance
10% ( Ω)
voltage
(
. )
Max
voltage
(
. )
Max
Nominal
operating
power
Nominal
voltage
(
)
VDC
Dual coil
resistance
10% ( Ω)
Pulse
duration
(
)
ms
100Min.
1.5 /3.0
W
W
5
6
9
12
15
18
24
48
T type
M type
single coil has no PIN
2
Unless otherwise specified
:
If dimension
mm tolerance
mm
<1
,
: 0.2
;
If dimension
mm tolerance
mm
1~5
,
: 0.3
;
If dimension
mm tolerance
mm
>5
,
: 0.4
.
Note
:
.
before soldering
2.
: 0.5
.
1. Extended terminal dimension is dimension
Tolerance of mounting holes
mm
single coil has no PIN
2
Single Dual
/
:
Operate
Release
(
20 )
Coil Data at
8.34
12
27
48
75
108
192
768
16.67
24
54
96
150
216
384
1,536
8.34
12
27
48
75
108
192
768
Ordering Information
Nomenclature
Switching Capacity: 25:25A
SY
-1 12
D
M 2
-XX
73 -25
Special Parameter:Nil-Standard type,XX-Customized Requirement
R
Contact Form:M-Form A,B-FormB
Coil Power:D:Standard type -Single/Dual:1.5W/3.0W;L:Sensitive Type-Single/Dual:1.0W/2.0W
Coil Voltage (VDC): 05 , 06 , 09 , 12 , 15 , 18 , 24 , 48
Number of Poles:1-1 Pole
Type Designation:SY
Coil Type:1-Single coil,2-Dual coils
Polarity:Nil-Positive polarity, R-Reverse polarity
73



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com