Electronic Components Datasheet Search
  English  ▼

X  

74HC74AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 74HC74AP
Description  Dual D-Type Flip Flop Preset and Clear
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74HC74AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  74HC74AP Datasheet HTML 1Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 2Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 3Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 4Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 5Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 6Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 7Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 8Page - Toshiba Semiconductor 74HC74AP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74HC74AP/AF
2014-03-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC74AP, TC74HC74AF
Dual D-Type Flip Flop Preset and Clear
The TC74HC74A is a high speed CMOS D FLIP FLOP
fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
The signal level applied to the D INPUT is transferred to Q
OUTPUT during the positive going transition of the CLOCK
pulse.
CLEAR and PRESET are independent of the CLOCK and
are accomplished by setting the appropriate input to an “L” level.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 77 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS74
Pin Assignment
TC74HC74AP
TC74HC74AF
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
Start of commercial production
1986-05


Similar Part No. - 74HC74AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74HC74AP TOSHIBA-74HC74AP Datasheet
312Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Dual D-Type Flip Flop Preset and Clear
74HC74AP TOSHIBA-74HC74AP Datasheet
236Kb / 6P
DUAL D-TYPE FLIP FLOP PRESET AND CLEAR
07-Aug-1997
More results

Similar Description - 74HC74AP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Mar-2000
logo
Toshiba Semiconductor
TC74HC74AP TOSHIBA-TC74HC74AP Datasheet
236Kb / 6P
DUAL D-TYPE FLIP FLOP PRESET AND CLEAR
07-Aug-1997
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
24-Oct-1997
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
logo
Fairchild Semiconductor
74VHC74MTCX FAIRCHILD-74VHC74MTCX Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
logo
Toshiba Semiconductor
TC74HC74AP TOSHIBA-TC74HC74AP_V01 Datasheet
277Kb / 11P
Dual D-Type Flip Flop Preset and Clear
2006-02-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com