Electronic Components Datasheet Search
  English  ▼

X  

TTP224 Datasheet(PDF) 4 Page - Tontek Design Technology

Part # TTP224
Description  4 KEY TOUCH PAD DETECTOR IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP224 Datasheet(HTML) 4 Page - Tontek Design Technology

  TTP224 Datasheet HTML 1Page - Tontek Design Technology TTP224 Datasheet HTML 2Page - Tontek Design Technology TTP224 Datasheet HTML 3Page - Tontek Design Technology TTP224 Datasheet HTML 4Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Preliminary
TTP224/TTP224N
TonTouchTM
2009/8/25
Page 4 of 4
Ver :2.0
TCP224/TCP224N
TCP224/TCP224N APPLICATION (disable internal regulator)
C1
104
K0
K1
K2
Cs3
K3
Cs0
Cs1
Cs2
19
20
21
22
1
2
7
68
9
10
11
VSS
DIS13
REGEN
OD
SM
TPQ3
TPQ2
12
13
14
15
16
17
18
AHLB
5
TP2
3
TP3
4
DIS13
VDD
VDD
VDD
VDD
VSS
VSS
VSS
VSS
VDD
VDD
VDD
VDD
Pad TPQ0~TP3 option features
open
Direct mode, CMOS active low output
open
open
Direct mode, CMOS active high output
open
open
open
AHLB
TOG
OD
Toggle mode, Power on state high-Z, Active low
Toggle mode, Power on state high-Z, Active high
Toggle mode, COMS output, Power on state=1
Toggle mode, COMS output, Power on state=0
Direct mode, Open drain active low output
Direct mode, Open drain active high output
open
open
open
open
open
open
Output mode:
VDD
Option features
Low Power mode
Fast mode
open
LPMB
VSS
VSS
VSS
VSS
open
open
Option features
Maximum on time 64sec
Maximum on time 16sec
Infinite(Disable maximum on time)
Maximum on time 120sec
open
open
MOT0
MOT1
VSS
Option features
SM
Single key mode
Multi-key mode
open
Pad TPQ0D,TPQ2D (has no diode protection) option features
VDD
Toggle mode, Open drain active low output, Power on state high-Z
open
Direct mode, Open drain active low output, Power on state high-Z
TOG
VSS
Enable TP1, TP3
open
Key operation mode:
Option table:
Disable TP1, TP3
Input keys number select:
Option features
Fast and Low power mode:
Maximum key on duration time:
PS:1. On PCB, the length of lines from touch pad to IC pin shorter is better.
And the lines do not parallel and cross with other lines.
2. The power supply must be stable. If the supply voltage drift or shift quickly, maybe
causing sensitivity anomalies or false detections.
3. The material of panel covering on the PCB can not include the metal or the electric
element. The paints on the surfaces are the same.
4. The C1 capacitor must be used between VDD and VSS; and should be routed with
very short tracks to the device’s VDD and VSS pins (TTP224/TTP224N).
5. The capacitance Cs0~Cs3 can be used to adjust the sensitivity. The value of
Cs0~Cs3 use smaller, then the sensitivity will be better. The sensitivity adjustment
must according to the practical application on PCB. The range of Cs0~Cs3 value
are 0~50pF.
6. The sensitivity adjustment capacitors (Cs0~Cs3) must use smaller temperature
coefficient and more stable capacitors. Such are X7R, NPO for example.
So for touch application, recommend to use NPO capacitor, for reducing that the
temperature varies to affect sensitivity.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com