Electronic Components Datasheet Search
  English  ▼

X  

78M6613-IM/F/P Datasheet(PDF) 21 Page - Silergy Corp.

Part # 78M6613-IM/F/P
Description  Single-Phase AC Power Measurement IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILERGY [Silergy Corp.]
Direct Link  http://www.silergy.com/
Logo SILERGY - Silergy Corp.

78M6613-IM/F/P Datasheet(HTML) 21 Page - Silergy Corp.

Back Button 78M6613-IM/F/P Datasheet HTML 17Page - Silergy Corp. 78M6613-IM/F/P Datasheet HTML 18Page - Silergy Corp. 78M6613-IM/F/P Datasheet HTML 19Page - Silergy Corp. 78M6613-IM/F/P Datasheet HTML 20Page - Silergy Corp. 78M6613-IM/F/P Datasheet HTML 21Page - Silergy Corp. 78M6613-IM/F/P Datasheet HTML 22Page - Silergy Corp. 78M6613-IM/F/P Datasheet HTML 23Page - Silergy Corp. 78M6613-IM/F/P Datasheet HTML 24Page - Silergy Corp. 78M6613-IM/F/P Datasheet HTML 25Page - Silergy Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
78M6613 Data Sheet
Rev 3
21
4.2
Recommended External Components
Name
From
To
Function
Value
Unit
C1
V3P3A
GNDA
Bypass capacitor for 3.3V supply.
0.110%
F
CSYS
V3P3D
GNDD
Bypass capacitor for V3P3D.
0.110%
F
XTAL
XIN
XOUT
32.768 kHz crystal
– electrically similar to
ECS .327-12.5-17X or Vishay XT26T, load
capacitance 12.5 pF.
32.768
kHz
CXS †
XIN
GND
Load capacitor for crystal (exact value
depends on crystal specifications and
parasitic capacitance of board).
27
10%
pF
CXL †
XOUT
GND
27
10%
pF
† Depending on trace capacitance, higher or lower values for CXS and CXL must be used. Capacitance from
XIN to GND and XOUT to GND (combining pin, trace and crystal capacitance) should be 35 pF to 37 pF.
4.3
Recommended Operating Conditions
Parameter
Condition
Min
Typ
Max
Unit
3.3V Supply Voltage (V3P3)
Normal Operation
3.0
3.3
3.6
V
Operating Temperature
-40
+85
ºC
4.4
Performance Specifications
4.4.1
Input Logic Levels
Parameter
Condition
Min
Typ
Max
Unit
Digital high-level input voltage, VIH
2
V
Digital low-level input voltage, VIL
0.8
V
Input pull-up current, IIL
E_RXTX,
E_RST, CKTEST
Other digital inputs
VIN=0V, ICE_E=1
10
10
-1
0
100
100
1
A
A
A
Input pull down current, IIH
ICE_E
Other digital inputs
VIN=V3P3
10
-1
0
100
1
µA
µA
4.4.2
Output Logic Levels
Parameter
Condition
Min
Typ
Max
Unit
Digital high-level output voltage VOH
ILOAD = 1 mA
V3P3
–0.4
V
ILOAD = 15 mA
V3P3-
0.61
V
Digital low-level output voltage VOL
ILOAD = 1 mA
0
0.4
V
ILOAD = 15 mA
0.81
V
1 Guaranteed by design; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com