Electronic Components Datasheet Search
  English  ▼

X  

2SA1213 Datasheet(PDF) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

Part # 2SA1213
Description  TRANSISTOR竊늁NP 竊
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOOCHIN [SHENZHEN KOO CHIN ELECTRONICS CO., LTD.]
Direct Link  http://www.hz-dz.net
Logo KOOCHIN - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

2SA1213 Datasheet(HTML) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

  2SA1213 Datasheet HTML 1Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD. 2SA1213 Datasheet HTML 2Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD. 2SA1213 Datasheet HTML 3Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD. 2SA1213 Datasheet HTML 4Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1213
TRANSISTOR(PNP )
FEATURES
Power dissipation
PCM :
0.5
W
(Tamb=25℃)
Collector current
ICM:
-2
A
Collector-base voltage
V(BR)CBO : -50
V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150℃
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-100μA , IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -10mA ,
IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100μA, IC=0
-5
  V
Collector cut-off current
ICBO
VCB=-50 V ,
IE=0
-0.1
 μA
Emitter cut-off current
IEBO
VEB=-5 V ,
IC=0
-0.1
 μA
hFE 1
VCE=-2V,
IC= -0.5A
70
240
DC current gain
hFE 2
VCE=-2V,
IC= -2A
20
Collector-emitter saturation voltage
VCEsat
IC=-1A, IB= -0.05A
-0.5
V
Base-emitter saturation voltage
VBEsat
IC=-1A, IB= -0.05A
-1.2
V
Transition frequency
f T
VCE= -2V, IC=-0.5A
100
MHz
CLASSIFICATION OF hFE
Rank 
O 
Y 
Range 
70-140 
120-240 
 
 
Marking
NO、NY
 
 
SOT-89 
1.BASE 
 
2.COLLECTOR 
 
3.EMITTER 
 
1
2
3


Similar Part No. - 2SA1213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213 Datasheet
203Kb / 4P
TRANSISTOR (POWER AMPLIFIER, SWITCHING APPLICATIONS)
10-Apr-1997
2SA1213 TOSHIBA-2SA1213 Datasheet
200Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
TRANSYS Electronics Lim...
2SA1213 TEL-2SA1213 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1213 TOSHIBA-2SA1213 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
Guangdong Kexin Industr...
2SA1213 KEXIN-2SA1213 Datasheet
501Kb / 3P
Power Switching Applications
More results

Similar Description - 2SA1213

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
3DD13001-TO-92 JIANGSU-3DD13001-TO-92 Datasheet
328Kb / 3P
TRANSISTOR竊?NPN 竊
3DD13001-TO-251 JIANGSU-3DD13001-TO-251 Datasheet
104Kb / 2P
TRANSISTOR竊?NPN 竊
3DD13002-TO-251 JIANGSU-3DD13002-TO-251 Datasheet
877Kb / 3P
TRANSISTOR竊?NPN 竊
A94 JIANGSU-A94 Datasheet
454Kb / 3P
TRANSISTOR竊?PNP 竊
FMMT4124 JIANGSU-FMMT4124 Datasheet
407Kb / 3P
TRANSISTOR竊?NPN 竊
S9011 JIANGSU-S9011 Datasheet
125Kb / 2P
TRANSISTOR竊?NPN 竊
S9011LT1 JIANGSU-S9011LT1 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
logo
Tiger Electronic Co.,Lt...
MMBT2907ALT1 TGS-MMBT2907ALT1_11 Datasheet
437Kb / 4P
TRANSISTOR竊늁NP竊
logo
SHENZHEN KOO CHIN ELECT...
B772 KOOCHIN-B772 Datasheet
333Kb / 2P
TRANSISTOR竊늁NP竊
logo
Bytesonic Electronics C...
MMBT8550D BYTESONIC-MMBT8550D Datasheet
446Kb / 3P
TRANSISTOR竊늁NP竊
2018/7/3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com