Electronic Components Datasheet Search
  English  ▼

X  

2SC1675 Datasheet(PDF) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

Part # 2SC1675
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOOCHIN [SHENZHEN KOO CHIN ELECTRONICS CO., LTD.]
Direct Link  http://www.hz-dz.net
Logo KOOCHIN - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

2SC1675 Datasheet(HTML) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

  2SC1675 Datasheet HTML 1Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD. 2SC1675 Datasheet HTML 2Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC1675
TRANSISTOR (NPN)
FEATURES
·2SC1675 is designed for use in AM converter
AM/FM if amplifier and local oscillator of AM/FM tuner
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
0.05
A
PC
Collector Power Dissipation
0.25
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 10μA, IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 5mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=50V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
μA
DC current gain
hFE
VCE=6V, IC= 1mA
40
240
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB=1mA
0.3
V
Base-emitter voltage
VBE(on)
VCE=6V, IC= 1mA
0.75
V
Transition frequency
fT
VCE=6V, IC= 1mA
150
MHz
Collector output capacitance
Cob
VCB=6V, IE=0, f=1MHz
2.5
pF
CLASSIFICATION OF
hFE
Rank
R
O
Y
Range
40-80
70-140
120-240
1 2 3
TO-92
1. EMITTER
2. BASE
3. COLLECTOR


Similar Part No. - 2SC1675

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2SC1675 MICRO-ELECTRONICS-2SC1675 Datasheet
77Kb / 1P
NPN SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC1675 SECOS-2SC1675 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
logo
Foshan Blue Rocket Elec...
2SC1675 FOSHAN-2SC1675 Datasheet
908Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
2SC1675 JIANGSU-2SC1675 Datasheet
404Kb / 3P
TO-92 Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
2SC1675 ETC1-2SC1675 Datasheet
87Kb / 1P
Japanese 2S Transistor Cross Reference
More results

Similar Description - 2SC1675

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com