Electronic Components Datasheet Search
  English  ▼

X  

40D Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # 40D
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

40D Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  40D Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 40D Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD. 40D Datasheet HTML 3Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Isolation
Resistance
500Vdc
1000
MΩ
Switching
Frequency
Full load,
nominal input
50
KHz
Operating
Temperature
-40
+85
℃
Humidity
Non Condensing
95
%
Cooling
Free air Convection
Case material
DAP
MTBF
MIL-HDBK-217F@25℃
(Unregulated)
2500000
Hours
MTBF
MIL-HDBK-217F@25℃
(Regulated)
1500000
Hours
Weight
9.0
g
Dimensions
33.02X14.73X10.41
mm
40D SERIES
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:1 2018/10/09
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
100% full load
±5
%
Short Circuit
Protection
Regulated
(Continuous)
Short Circuit
Protection
Unregulated
(Short Term)
1
Sec
Line Regulation
Regulated
±0.3
%
Load Regulation
Regulated
±0.5
%
Ripple & Noise
BW=DC To 20MHz
50
mVp-p
Line Regulation
Unregulated
(For 1% of Vin)
1.2
%
Load Regulation
Unregulated
(20% To 100% F.L)
10
%
Recommended Test Circuit
Part Number
40D - 05 S 05 R NL
B
C
D E
A:Series
B:Input Voltage
C:Single(S)Dual(D)
D:Output Voltage
E:Regulated(R)Unregulated(N)
F:RoHS Version
F
A
Tolerance Envelope Graph
Output Current(%)
120%
110%
100%
90%
80%
70%
Single
Vin
+Vout
GND
-Vout
Cin
Cout
5V :Cin 4.7uF,25V
9V :Cin 4.7uF,25V
12V:Cin 2.2uF,25V
15V:Cin 2.2uF,25V
24V:Cin 1uF,50V
5V :Cout 4.7uF,25V
9V :Cout 2.2uF,25V
12V:Cout 1uF,25V
15V:Cout 0.47uF,50V
24V:Cout 0.47uF,50V
Dual
Vin
+Vout
GND
Cin
Cout
-Vout
Cout
Com
5V :Cin 4.7uF,25V
9V :Cin 4.7uF,25V
12V:Cin 2.2uF,25V
15V:Cin 2.2uF,25V
24V:Cin 1uF,50V
5V :Cout 4.7uF,25V
9V :Cout 2.2uF,25V
12V:Cout 1uF,25V
15V:Cout 0.47uF,50V
24V:Cout 0.47uF,50V
UNREGULATED
Packaging
Size(mm)
A
B
C
13.23
12.30
530



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com