Electronic Components Datasheet Search
  English  ▼

X  

DAD323 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DAD323
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD323 Datasheet(HTML) 1 Page - DISCO Corporation

  DAD323 Datasheet HTML 1Page - DISCO Corporation DAD323 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Support for a variety of applications from semiconductor wafers to
electronic parts
Support for workpieces as large as 6-inch square wafers
Incorporation of the Y-axis scale specification (option) enables high accuracy index control
Equipped with a high torque 2.0 kW spindle
The DAD323 is highly versatile with support for glass, ceramics and other difficult-to-cut materials. In addition, a high
revolution speed 1.8 kW spindle (max revolutions: 60000 min-1) is also selectable as an option.
High productivity
With the implementation of a high performance MCU, the speed of software operation and operation
response times have been improved.
The speed of the X, Y, and Z-axes have been improved for increased throughput.
 X-axis return speed is now 800 m/s (increased by 1.6x compared to the current model)
World’s smallest footprint*
The DAD323 features an even more compact design featuring a width of only 490 mm.
The reduced profile contributes towards a large increase in terms of productivity per unit area, especially when multiple
units are used together.
* Investigated internally
DAD323
Automatic dicing saw with the world’s smallest footprint
for high space efficiency
Automatic Dicing Saw
3000 series
Auto alignment
Current (DAD322)
DAD323
X-axis
500
800
Y-axis
150
200
Z-axis
30
80
(mm/s)
Ease of operation
The auto alignment function is included as a standard feature.
Operation via a 15-inch monitor and a GUI (Graphical User Interface)
Large monitor for improved legibility and an increase in the amount of displayable information.
Installed with the same user-friendly operating system as the 3000 series (DAD322 compatibility
mode is also supported)
DAD322
DAD323
◆Comparison of operating panel
322 compatibility mode
◆Operation interface


Similar Part No. - DAD323

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD3230 DISCO-DAD3230 Datasheet
213Kb / 2P
Automatic Dicing Saw
DAD3231 DISCO-DAD3231 Datasheet
308Kb / 2P
Automatic Dicing Saw
More results

Similar Description - DAD323

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD324 DISCO-DAD324 Datasheet
497Kb / 2P
Automatic Dicing Saw
DAD3220 DISCO-DAD3220 Datasheet
213Kb / 2P
Automatic Dicing Saw
DAD3221 DISCO-DAD3221 Datasheet
308Kb / 2P
Automatic Dicing Saw
DAD3240 DISCO-DAD3240 Datasheet
479Kb / 2P
Automatic Dicing Saw
DAD3241 DISCO-DAD3241 Datasheet
499Kb / 2P
Automatic Dicing Saw
DAD3350 DISCO-DAD3350 Datasheet
473Kb / 2P
Automatic Dicing Saw
DAD3360 DISCO-DAD3360 Datasheet
676Kb / 2P
Automatic Dicing Saw
DAD3650 DISCO-DAD3650 Datasheet
217Kb / 2P
Automatic Dicing Saw
DAD3651 DISCO-DAD3651 Datasheet
466Kb / 2P
Automatic Dicing Saw
DAD3660 DISCO-DAD3660 Datasheet
207Kb / 2P
Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com