Electronic Components Datasheet Search
  English  ▼

X  

DAD324 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DAD324
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD324 Datasheet(HTML) 2 Page - DISCO Corporation

  DAD324 Datasheet HTML 1Page - DISCO Corporation DAD324 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Automatic Dicing Saw
DAD324
2018.12
Specifications
www.disco.co.jp
■Environmental Conditions
• Use clean, oil-free air (dew point between -10 - -20 , residual oil: 0.1 ppm, and filtration rating: 0.01μm/99.5 % or more).
• Keep room temperature fluctuations within ±1℃ of the set value. (Set value should be between 20 - 25 ℃).
• Keep cutting water and cleaning water 2 ℃ above room temperature (fluctuations within ±1 ℃).
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* All pressures specified above are gauge pressures.
* As the above specification may change due to technical modifications.
Please confirm when placing your order.
* For further information, please contact your local sales representative.
Specification
Unit
Workpiece size
-
φ6″ (□6" DPR)
X-axis
Cutting range
mm
160
Cutting speed
mm/sec
0.1 ~ 800
Y-axis
Cutting range
mm
162
Index step
mm
0.0001
Index positioning accuracy
mm
0.005/160
(Single error)0.003/5
Z-axis
Max. stroke
mm
32.2
Moving resolution
mm
0.00002
Repeatability accuracy
mm
0.001
θ-axis
Max. rotating angle
deg
320
Spindle
Output
kW
2.0at40,000min-1
Rated torque
N・m
0.48
Revolution speed range
min
-1
3,000~40,000
Machine
dimensions(W×D×H)
mm
490 × 870 × 1,670
Machine weight
kg
Approx.420



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com