Electronic Components Datasheet Search
  English  ▼

X  

DAD3230 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DAD3230
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3230 Datasheet(HTML) 1 Page - DISCO Corporation

  DAD3230 Datasheet HTML 1Page - DISCO Corporation DAD3230 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Full lineup serving a wide variety of processing
needs
The DAD3220/3230/3430 are single spindle dicing saws capable of handling
workpieces up to a maximum of ø6" or 6" square workpiece with a user-specified
specification. The DAD3220 is just 500 mm wide, which helps to conserve valuable
cleanroom space. The DAD3230, designed for high performance and expandability, is
ideal for processing electronic component materials such as glasses and ceramics.
The DAD3430 is designed for extra-high precision and process quality for cutting and
grooving optical components, magnetic heads, and similar workpieces with extremely
strict tolerances.
Improved usability and performance
Each model features an LCD touch panel with a graphical user interface for easy and
intuitive operation. In addition, all models include auto-alignment, auto-focus, and auto-
kerf check functions for enhanced productivity. The newly developed 1.5 kW spindle,
which is standard on every model, features a shaft lock function for easier blade
changing. A reduced-expansion spindle (option) manufactured with special expansion-
resistant materials is available for even greater precision during processing.
DAD3220/3230/3430
Compact dicing saw lineup for 6" wafers
Automatic Dicing Saw
Special features of each model
The DAD3220 is extremely compact with a footprint approximately 14 %
smaller than that of its predecessor, the DAD321.
DAD3230 features an expandable design ideal for customization.
DAD3430, based upon the DAD3230 design, is a high-precision dicing saw
with an air slide on the X-axis.
DAD3220
DAD3430
DAD3230


Similar Part No. - DAD3230

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD323 DISCO-DAD323 Datasheet
548Kb / 2P
Automatic Dicing Saw
DAD3231 DISCO-DAD3231 Datasheet
308Kb / 2P
Automatic Dicing Saw
More results

Similar Description - DAD3230

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD323 DISCO-DAD323 Datasheet
548Kb / 2P
Automatic Dicing Saw
DAD324 DISCO-DAD324 Datasheet
497Kb / 2P
Automatic Dicing Saw
DAD3221 DISCO-DAD3221 Datasheet
308Kb / 2P
Automatic Dicing Saw
DAD3240 DISCO-DAD3240 Datasheet
479Kb / 2P
Automatic Dicing Saw
DAD3241 DISCO-DAD3241 Datasheet
499Kb / 2P
Automatic Dicing Saw
DAD3350 DISCO-DAD3350 Datasheet
473Kb / 2P
Automatic Dicing Saw
DAD3360 DISCO-DAD3360 Datasheet
676Kb / 2P
Automatic Dicing Saw
DAD3650 DISCO-DAD3650 Datasheet
217Kb / 2P
Automatic Dicing Saw
DAD3651 DISCO-DAD3651 Datasheet
466Kb / 2P
Automatic Dicing Saw
DAD3660 DISCO-DAD3660 Datasheet
207Kb / 2P
Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com