Electronic Components Datasheet Search
  English  ▼

X  

RFM50 Datasheet(PDF) 8 Page - HOPE Microelectronics CO., Ltd.

Part # RFM50
Description  ISM Band Transceiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM50 Datasheet(HTML) 8 Page - HOPE Microelectronics CO., Ltd.

  RFM50 Datasheet HTML 1Page - HOPE Microelectronics CO., Ltd. RFM50 Datasheet HTML 2Page - HOPE Microelectronics CO., Ltd. RFM50 Datasheet HTML 3Page - HOPE Microelectronics CO., Ltd. RFM50 Datasheet HTML 4Page - HOPE Microelectronics CO., Ltd. RFM50 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RFM50 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RFM50 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RFM50 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
RFM50 V1.0
8
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
7.
11B
Ordering information
Part Number=Module type + Operation Band
U
RFM50
U
–
U
433
module type
operation band
example:
1.RFM50 module at 433MHz band, RFM50-433。
Model
operation band
RFM50-433
433MHZ
RFM50-470
470MHZ
RFM50-868
868MHZ
RFM50-915
915MHZ
HOPE MICROELECTRONICS CO.,LTD
Add:4/F,
Block
B3,
East
Industrial
Area,
Huaqiaocheng, Shenzhen, Guangdong, China
Tel: 86-755-82973805
Fax: 86-755-82973550
Email:
HU
sales@hoperf.com
UH
HU
t
rade@hoperf.com
UH
Website:
HU
http://www.hoperf.com
U
U
http://www.hoperf.cn
HU
http://hoperf.en.alibaba.com
U
This document may contain preliminary information and is subject to change by
Hope Microelectronics without notice. Hope Microelectronics assumes no
responsibility or liability for any use of the information contained herein. Nothing
in this document shall operate as an express or implied license or indemnity
under the intellectual property rights of Hope Microelectronics or third parties.
The products described in this document are not intended for use in implantation
or other direct life support applications where malfunction may result in the direct
physical harm or injury to persons. NO WARRANTIES OF ANY KIND,
INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF
MECHANTABILITY OR FITNESS FOR A ARTICULAR PURPOSE, ARE
OFFERED IN THIS DOCUMENT.
©2006, HOPE MICROELECTRONICS CO.,LTD. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com