Electronic Components Datasheet Search
  English  ▼

X  

DAD3241 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DAD3241
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3241 Datasheet(HTML) 1 Page - DISCO Corporation

  DAD3241 Datasheet HTML 1Page - DISCO Corporation DAD3241 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Compact manual dicing saw with the world’s
smallest class footprint
The DAD3241 is a distinctly compact manual dicing saw with support for ø8-inch
workpieces at a width of only 650 mm. The DAD3241
realizes the world’s smallest
class footprint as ø8-inch dicing saw.
High productivity
Improved throughput through the introduction of servo motors on all axes (X, Y, and Z)
Improved index accuracy through the installation of a Y-axis scale as standard
Enhanced communication control and software functions by installation of a PC
Improved measurement accuracy and measurement time using a new NCS (Non-
Contact Setup) sensor
Support for large workpieces
Installation of a JIG chuck table makes processing square workpieces up to 8 x 8 inches
possible (option).
DAD3241
Standard manual dicing saw for ø8-inch workpieces
Automatic Dicing Saw
Existing equipment
(DAD3240)
DAD3241
X-axis
600
800
Y-axis
170
200
Z-axis
80
80
(mm/s)
XIS
Wafer Mapping
Log Viewer
Help Viewer
High processability
Thanks to the high-output 1.8 kW spindle, the DAD3241 can handle
difficult-to-cut materials from silicon to ceramics.
High maintainability
Built-in microscope with a lens shutter and scope blow function reduces
maintenance frequency, which increases the utilization rate.
Ease of operation
XIS (Extended Interface System)
Operation buttons are consolidated on the microscope screen.
Wafer mapping
The processing status is displayed visually in the same way as
fully automatic equipment.
Log viewer
Analog data is displayed in a graph and equipment data is more
easily visualized.
Help viewer
Troubleshooting is displayed when an error occurs to achieve
quick and accurate recovery support.
◆Operation interface


Similar Part No. - DAD3241

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD324 DISCO-DAD324 Datasheet
497Kb / 2P
Automatic Dicing Saw
DAD3240 DISCO-DAD3240 Datasheet
479Kb / 2P
Automatic Dicing Saw
More results

Similar Description - DAD3241

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD323 DISCO-DAD323 Datasheet
548Kb / 2P
Automatic Dicing Saw
DAD324 DISCO-DAD324 Datasheet
497Kb / 2P
Automatic Dicing Saw
DAD3220 DISCO-DAD3220 Datasheet
213Kb / 2P
Automatic Dicing Saw
DAD3221 DISCO-DAD3221 Datasheet
308Kb / 2P
Automatic Dicing Saw
DAD3240 DISCO-DAD3240 Datasheet
479Kb / 2P
Automatic Dicing Saw
DAD3350 DISCO-DAD3350 Datasheet
473Kb / 2P
Automatic Dicing Saw
DAD3360 DISCO-DAD3360 Datasheet
676Kb / 2P
Automatic Dicing Saw
DAD3650 DISCO-DAD3650 Datasheet
217Kb / 2P
Automatic Dicing Saw
DAD3651 DISCO-DAD3651 Datasheet
466Kb / 2P
Automatic Dicing Saw
DAD3660 DISCO-DAD3660 Datasheet
207Kb / 2P
Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com