Electronic Components Datasheet Search
  English  ▼

X  

DAD3350 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DAD3350
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3350 Datasheet(HTML) 1 Page - DISCO Corporation

  DAD3350 Datasheet HTML 1Page - DISCO Corporation DAD3350 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flexible design
Through the application of user-specified specifications, the DAD3350 is capable of
handling a maximum of ø8" or 250 mm sq. workpieces. While the standard DAD3350 is
equipped with a 1.8 kW spindle, by selecting a 2.2 kW high torque spindle (optional), hard
and brittle materials such as silicon and ceramic can be processed. In addition, support for
blades of up to ø5" can be added through user-specified specifications. Whether your
material is ultra-thin to several millimeters thick, single wafer or multiply mounted (optional),
straight cut or optical angle cut (optional), the DAD3350 can be customized for the needs of
your application.
Process quality
The field proven bridge-type frame structure optimizes rigidity and stability. To reduce
transient vibration the DAD3350 utilizes cast iron for the bridge-type frame for superior and
consistent cut quality.
Machine utilization
With a return speed of 600 mm/s, theta speed of 180 degree/s, and Y-axis speed of 200
mm/s the DAD3350 spends more time cutting and less time preparing for the cut.
Process quality
The Graphical User Interface (GUI) operates via an LCD touch screen. While improving
the ease of use, the GUI also features an on-screen real time display illustrating process
details.
DAD3350
Flexibility for diverse processing needs
Automatic Dicing Saw
Process controls
• Auto alignment, auto focus, auto kerf check, and other image recognition
functions have been installed to improve equipment productivity. In addition,
the microscope includes an air blow mechanism and a lens shutter to prevent
contamination. As an option, a low magnification microscope can be added for
rough alignment.
• Through condition monitoring the processing conditions and various other
statuses can be known at any given time.
• Advanced process control features can be added as options, including an on-
screen cutting water management system for cutting water flow control.
LCD touch screen


Similar Part No. - DAD3350

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD3360 DISCO-DAD3360 Datasheet
676Kb / 2P
Automatic Dicing Saw
More results

Similar Description - DAD3350

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD323 DISCO-DAD323 Datasheet
548Kb / 2P
Automatic Dicing Saw
DAD324 DISCO-DAD324 Datasheet
497Kb / 2P
Automatic Dicing Saw
DAD3220 DISCO-DAD3220 Datasheet
213Kb / 2P
Automatic Dicing Saw
DAD3221 DISCO-DAD3221 Datasheet
308Kb / 2P
Automatic Dicing Saw
DAD3240 DISCO-DAD3240 Datasheet
479Kb / 2P
Automatic Dicing Saw
DAD3241 DISCO-DAD3241 Datasheet
499Kb / 2P
Automatic Dicing Saw
DAD3360 DISCO-DAD3360 Datasheet
676Kb / 2P
Automatic Dicing Saw
DAD3650 DISCO-DAD3650 Datasheet
217Kb / 2P
Automatic Dicing Saw
DAD3651 DISCO-DAD3651 Datasheet
466Kb / 2P
Automatic Dicing Saw
DAD3660 DISCO-DAD3660 Datasheet
207Kb / 2P
Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com