Electronic Components Datasheet Search
  English  ▼

X  

DAD3650 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DAD3650
Description  Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAD3650 Datasheet(HTML) 1 Page - DISCO Corporation

  DAD3650 Datasheet HTML 1Page - DISCO Corporation DAD3650 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Small footprint
The optimal design of the DAD3650 combines high functionality and ultra
compactness for a dual-spindle automatic dicing saw giving it a footprint 2/3
the size of the widely used single-spindle DAD3350 dicer for ø8-inch wafers.
High throughput
By dicing with 2 spindles simultaneously in dual cut mode, high throughput of
as much as twice* that of a single-spindle dicer can be achieved.
*Actual throughput varies depending on the workpiece size and processing
parameters.
High processability
While possessing a small footprint, the DAD3650 can be modified to support
the same maximum workpiece size (max ø8", 250 mm sq.) as the DAD3350
with a user-specified specification. Also, by mounting a different blade on
each spindle and using step cut to dice in 2 stages, it is possible to process
workpieces requiring very high quality.
DAD3650
Ultra compact dual-spindle automatic dicing saw
Automatic Dicing Saw
Enhanced ease of use
Realizes intuitive operation thanks to the use of the same GUI* as
the DAD3350 which is the industry-standard automatic dicing saw for
8-inch wafers.
Using a 19-inch LCD touch panel, equipment operation can be
performed while constantly checking for equipment machine and
blade conditions.
Consolidates basic equipment access at the front for operation and
workpiece or blade replacement.
Reduces operator stress by the inclusion of the automatic alignment
function as standard.
* GUI:Graphical User Interface
Environmentally-conscious design
The DAD3650 is a green procurement compliant product* which means
it does not contain the 15 hazardous chemical substances listed in the
“List of DISCO Restricted Substances” and the six substances
specified in the EU RoHS Directive.
* A green procurement compliant product refers to products that satisfy DISCO‘s green
procurement standards and conforms to EU RoHS Directives.
Water conservation is made possible through the adoption of a newly
developed, low heat generation spindle, which reduces cooling water
consumption by half compared to existing equipment.
Top menu
Stop Correction Screen


Similar Part No. - DAD3650

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD3651 DISCO-DAD3651 Datasheet
466Kb / 2P
Automatic Dicing Saw
More results

Similar Description - DAD3650

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DAD323 DISCO-DAD323 Datasheet
548Kb / 2P
Automatic Dicing Saw
DAD324 DISCO-DAD324 Datasheet
497Kb / 2P
Automatic Dicing Saw
DAD3220 DISCO-DAD3220 Datasheet
213Kb / 2P
Automatic Dicing Saw
DAD3221 DISCO-DAD3221 Datasheet
308Kb / 2P
Automatic Dicing Saw
DAD3240 DISCO-DAD3240 Datasheet
479Kb / 2P
Automatic Dicing Saw
DAD3241 DISCO-DAD3241 Datasheet
499Kb / 2P
Automatic Dicing Saw
DAD3350 DISCO-DAD3350 Datasheet
473Kb / 2P
Automatic Dicing Saw
DAD3360 DISCO-DAD3360 Datasheet
676Kb / 2P
Automatic Dicing Saw
DAD3651 DISCO-DAD3651 Datasheet
466Kb / 2P
Automatic Dicing Saw
DAD3660 DISCO-DAD3660 Datasheet
207Kb / 2P
Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com