Electronic Components Datasheet Search
  English  ▼

X  

RFM119SW Datasheet(PDF) 15 Page - HOPE Microelectronics CO., Ltd.

Part # RFM119SW
Description  Embedded EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM119SW Datasheet(HTML) 15 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM119SW Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RFM119SW Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
RFM119W/RFM119SW
Rev 1.0 | Page 15 /19
www.hoperf.com
W
E-mail:sales@hoperf.com
Table 12. TWI Requirements
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Digital Input Level High
VIH
0.8
VDD
Digital Input Level Low
VIL
0.2
VDD
CLK Frequency
FCLK
10
1,000
kHz
CLK High Time
tCH
500
ns
CLK Low Time
tCL
500
ns
CLK Delay Time
tCD
CLK delay time for the first falling edge of the
TWI_RST command, see Figure 20
20
15,000
ns
DATA Delay Time
tDD
The data delay time from the last CLK rising
edge of the TWI command to the time DATA
return to default state
15,000
ns
DATA Setup Time
tDS
From DATA change to CLK falling edge
20
ns
DATA Hold Time
tDH
From CLK falling edge to DATA change
200
ns
CLK
DATA
tCH tCL
tDS tDH
Figure 18. Two-wire Interface Timing Diagram
Once the device is powered up, TWI_RST and SOFT_RST should be issued to make sure the device works in SLEEP state
robustly. On every transmission, TWI_RST and TWI_OFF should be issued before the transmission to make sure the TWI
circuit functions correctly. TWI_RST and SOFT_RST should be issued again after the transmission for the device going back to
SLEEP state reliably till the next transmission. The operation flow with TWI is shown as the figure below.
Reset TWI 
One Transmission  Cycle 
One Transmission  Cycle 
 
 
 
(1) ‐ TWI_RST 
(2) ‐ SOFT_RST 
(1) ‐ TWI_RST 
(2) ‐ TWI_OFF 
 
TRANSMISSION 
(1) ‐ TWI_RST 
(2) ‐ SOFT_RST 
(1) ‐ TWI_RST 
(2) ‐ TWI_OFF 
 
TRANSMISSION 
(1) ‐ TWI_RST 
(2) ‐ SOFT_RST 
 
Figure 19. RFM119W/S Operation Flow with
TWI
Table 13. TWI Commands Descriptions
Command
Descriptions
Implemented by pulling the DATA pin low for 32 clock cycles and clocking in 0x8D00, 48 clock cycles in total.
It only resets the TWI circuit to make sure it functions correctly. The DATA pin cannot detect the
Rising/Falling edge to trigger transmission after this command, until the TWI_OFF command is issued.
TWI_RST
Notes:
1.
Please ensure the DATA pin is firmly pulled low during the first 32 clock cycles.
2.
When the device is configured as Transmission Enabled by DATA Pin Falling Edge, in order to issue
the TWI_RST command correctly, the first falling edge of the CLK should be sent tCD after the DATA
falling edge, which should be longer than the minimum DATA setup time 20 ns, and shorter than 15 us,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com