Electronic Components Datasheet Search
  English  ▼

X  

W256HT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W256HT
Description  12 Output Buffer for 2 DDR and 3 SRAM DIMMS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W256HT Datasheet(HTML) 1 Page - Cypress Semiconductor

  W256HT Datasheet HTML 1Page - Cypress Semiconductor W256HT Datasheet HTML 2Page - Cypress Semiconductor W256HT Datasheet HTML 3Page - Cypress Semiconductor W256HT Datasheet HTML 4Page - Cypress Semiconductor W256HT Datasheet HTML 5Page - Cypress Semiconductor W256HT Datasheet HTML 6Page - Cypress Semiconductor W256HT Datasheet HTML 7Page - Cypress Semiconductor W256HT Datasheet HTML 8Page - Cypress Semiconductor W256HT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
12 Output Buffer for 2 DDR and 3 SRAM DIMMS
W256
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07256 Rev. *C
Revised August 30, 2004
Features
• One input to 12 output buffer/drivers
• Supports up to 2 DDR DIMMs or 3 SDRAM DIMMS
• One additional output for feedback
• SMBus interface for individual output control
• Low skew outputs (< 100 ps)
• Supports 266 MHz and 333 MHz DDR SDRAM
• Dedicated pin for power management support
• Space-saving 28-pin SSOP package
Functional Description
The W256 is a 3.3V/2.5V buffer designed to distribute
high-speed clocks in PC applications. The part has 12 outputs.
Designers can configure these outputs to support 3 unbuffered
standard SDRAM DIMMs and 2 DDR DIMMs. The W256 can
be used in conjunction with the W250-02 or similar clock
synthesizer for the VIA Pro 266 chipset.
The W256 also includes an SMBus interface which can enable
or disable each output clock. On power-up, all output clocks
are enabled (internal pull-up).
Note:
1. Internal 100K pull-up resistors present on inputs marked with *. Design should not rely solely on internal pull-up resistor to set I/O pins HIGH.
Block Diagram
SMBus
BUF_IN
SDATA
SCLOCK
DDR0T_SDRAM0
DDR0C_SDRAM1
DDR1T_SDRAM2
DDR1C_SDRAM3
SSOP
Top View
Pin Configuration[1]
Decoding
DDR2T_SDRAM4
DDR2C_SDRAM5
DDR3T_SDRAM6
DDR3C_SDRAM7
DDR4T_SDRAM8
PWR_DWN#
DDR4C_SDRAM9
DDR5T_SDRAM10
DDR5C_SDRAM11
FBOUT
SEL_DDR
FBOUT
*PWR_DWN#
DDR0T_SDRAM0
DDR0C_SDRAM1
VDD3.3_2.5
GND
DDR1T_SDRAM2
DDR1C_SDRAM3
VDD3.3_2.5
BUF_IN
GND
DDR2T_SDRAM4
DDR2C_SDRAM5
VDD3.3_2.5
SEL_DDR*
DDR5T_SDRAM10
DDR5C_SDRAM11
VDD3.3_2.5
GND
DDR4T_SDRAM8
DDR4C_SDRAM9
VDD3.3_2.5
GND
DDR3T_SDRAM6
DDR3C_SDRAM7
GND
SCLK
SDATA
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
&
Powerdown
Control
VDD3.5_2.5


Similar Part No. - W256HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W256HT SPECTRALINEAR-W256HT Datasheet
141Kb / 7P
12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
Silicon Laboratories
W256HT SILABS-W256HT Datasheet
277Kb / 8P
12 Output Buffer for 2 DDR and 3 SRAM DIMMS
More results

Similar Description - W256HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
PLL103-03 PLL-PLL103-03 Datasheet
149Kb / 7P
DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
PLL103-53 PLL-PLL103-53 Datasheet
148Kb / 7P
DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
logo
SpectraLinear Inc
W255 SPECTRALINEAR-W255 Datasheet
195Kb / 9P
200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
W256 SPECTRALINEAR-W256 Datasheet
141Kb / 7P
12 Output Buffer for 2 DDR and 3 SRAM DIMMS
logo
Cypress Semiconductor
W255 CYPRESS-W255 Datasheet
255Kb / 10P
200-MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
logo
Silicon Laboratories
W255 SILABS-W255 Datasheet
135Kb / 9P
200 MHz 24-Output Buffer for 4 DDR or 3 SDRAM DIMMS
W256 SILABS-W256 Datasheet
277Kb / 8P
12 Output Buffer for 2 DDR and 3 SRAM DIMMS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com