Electronic Components Datasheet Search
  English  ▼

X  

DAW4110 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DAW4110
Description  Automatic Waterjet Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DAW4110 Datasheet(HTML) 2 Page - DISCO Corporation

  DAW4110 Datasheet HTML 1Page - DISCO Corporation DAW4110 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.disco.co.jp
2014.11
Automatic WaterJet Saw
DAW4110
Specifications
Aluminum curvilinear cutting
Realizes a narrow kerf width and small corner radius
Capable of processing narrow sections and inner corners with an R of 0.3 mm
(minimum) due to the 0.3 mm (approximate) kerf width of the waterjet saw.
Abrasive recycling
Employs a recycling system to collect and recycle abrasives without drying using a
premixing system.
Cuts workpieces with contour dimensions from input data
Using the automatic tool correction function, the DAW4110 can correct input data,
according to measured values for the kerf width, before cutting the workpiece.
Environmental conditions
• Use clean, oil-free air at a dew point of -15 °C or less. (Use a residual oil: 0.1ppm. Filtration rating: 0.01 µm/99.5 % or more).
• Keep room temperature fluctuations within ±1 °C of the set value. (Set value should be between 20 - 25 °C).
• Keep cutting water and cooling water at the same (within ±1 °C fluctuations) temperature as the room.
• Use water that has a specific electric conductivity greater than 1µS for cutting.
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water.
In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* All the pressures are described using gauge pressures.
* The above specifications may change due to technical modifications. Please
confirm when placing your order.
* For further information please contact your local sales representatives
Workability target
* Actual workability depends on the workpiece.
* The vertical cross-section surface and surface roughness may not be applicable for important workpieces.
* Partial cuts and the processing of very hard materials is not possible (such as grooving or concave
processing)
* For details, please contact your local sales representative.
Cutting speed
Cutting quality
Superior
Workability
Resin materials, metal materials,
and laminated resin and metal
Resin materials, metal materials,
and laminated resin and metal
Difficult
Workability
Materials harder than aluminium
Hard and brittle material such as Si
Unit
mm
 220 × 190 × 5
Cutting rangemm
220
Index positioning accuracy
mm
0.005/425
Cutting speed
mm/sec
0.1 - 30
Cutting rangemm
190
Index positioning accuracy
mm
0.005/190
Cutting speed
mm
0.1 - 30
Max. stroke
mm
103.5
Repeatability accuracy
mm
0.005
High-
pressure
Control pressure
MPa
67
min
5
mm
1,000 × 1,830
× 1,800
kg
Approx.1,300
mm
490 × 1,000
× 1,600
kg
Approx.145
Specification
X-axis
Workpiece size
Exterior unit weight
Y-axis
Exterior unit dimensions
(W×D×H)
Z-axis
Continuous jet discharge time
Machine dimensions
(W×D×H)
Machine weight



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com