Electronic Components Datasheet Search
  English  ▼

X  

DCS1440 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DCS1440
Description  Automatic Cleaning System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DCS1440 Datasheet(HTML) 2 Page - DISCO Corporation

  DCS1440 Datasheet HTML 1Page - DISCO Corporation DCS1440 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Automatic Cleaning System
DCS1440/1460
Atomizing cleaning
Mist generated by mixing fluid droplets with blasts of air is sprayed
against the cleaning surface at high speeds. The resulting shockwave
and expansion wave enable strong cleaning with minimal damage.
(The atomizing cleaning specification is available as an option.)
Space saving
The space-saving design has a narrow width.
(DCS1440:400mm,
DCS1460:500mm)
DCS1440/1460 Specification
DCS1440
DCS1460
Max. workpiece size
mm
ø200 / 250 mm square
ø300 mm / 310 mm square
Applicable tape frame
-
DTF2-5、
DTF2-6、
DTF2-6-1,
DTF2-8-1
DTF2-5-1
*1
DTF2-8-1、
DTF2-12、
DTF2-12-1、
(DTF2-5,
DTF2-5-1、
DTF2-6、
DTF2-6-1)
*1
Cleaning method
*2
-
Number of cleaning sequences saved
-
Spinner
Table rotational speed range
min
-1
Spinner discharge pressure
Mpa
Utilities
Power supply
V
Power consumption
W
During cleaning: 390
During idling (in standby): 110
During cleaning: 1000
During idling (in standby): 110
Max. power
kVa
Air pressure
Mpa
Air consumption max. flow rate
L/min(ANR)
Clean air pressure
Mpa
Average clean air consumption
during operation
L/min(ANR)
Cleaning water feed pressure
Mpa
Cleaning water flow rate
setting range
mL/min
(ANR)
Exhaust duct capacity
m
3/min*3
Machine dimensions(W x D x H)
mm
400 x 600 x 1,220
(Excluding protrusions and
the 128 mm touch panel)
500 x 650 x 1,220
(Excluding protrusions and
the 128 mm touch panel)
Machine weight
kg
Approx.130
Approx.150
Other
Green procurement support
*1 Options
*2 Two different types of cleaning methods can be mounted as an option.
*3 Contact your local DISCO sales representative when less than 3.0 m3/min.
High pressure cleaning, atomizing cleaning
*1
8
100 - 3,000
0.5, Fluctuations ±0.01
216
0.5, Fluctuations ±0.01
2.0 - 11.8
Standard specifications 200 - 240 V AC±10 %, 3-phase
2.6
(supports RoHS)
High pressure cleaning: Max. 200
(spinner discharge pressure of 11.8 MPa)
Atomizing cleaning
*1: 40 - 300
3.0
High pressure cleaning: 54
Atomizing cleaning: 98
0.2 - 0.4 MPa, Fluctuations ±0.01
Environmental conditions
• Use clean, oil-free air at a dew point of -15 °C or less. (Use a residual oil: 0.1ppm. Filtration rating: 0.01 µm/99.5 % or more).
• Keep room temperature fluctuations within ±1 °C of the set value. (Set value should be between 20 - 25 °C).
• Keep cutting water and cooling water at the same (within ±1 °C fluctuations) temperature as the room.
• Use water that has a specific electric conductivity greater than 1µS for cutting.
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation
equipment or oil mist generating parts.
• This machine uses water.
In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* All the pressures are described using a gauge pressure.
* The above specifications may change due to technical modifications. Please
confirm when placing your order.
* For further information please contact your local sales representatives
13-11 Omori-Kita 2-chome, Ota-ku, Tokyo 143-8580 Japan
Global Sales Department
Phone: 81-3-4590-1100 Fax: 81-3-4590-1075 ・ www.disco.co.jp
2012.12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com