Electronic Components Datasheet Search
  English  ▼

X  

DCS1441 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DCS1441
Description  Automatic Cleaning System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DCS1441 Datasheet(HTML) 2 Page - DISCO Corporation

  DCS1441 Datasheet HTML 1Page - DISCO Corporation DCS1441 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018.12
Automatic cleaning system
DCS1441
Specifications
■
Environmental conditions
• Use clean, oil-free air at a dew point of -15°C or less. (Residual oil: 0.1 ppm. Filtration rating: 0.01 µm / 99.5 % or more).
• Keep room temperature within ±1°C of the specified value. (Specified value should be between 20 – 25°C.)
• Machines should be used in an environment free from external vibration. Do not install machines near a ventilation opening,
heat generating equipment, or oil mist generating parts.
• This machine uses water. Due to the risk of water leakage, please install the machine on a floor with sufficient waterproofing
and drainage measures.
*All the pressures are described using gauge pressure.
*The above specifications may change due to technical modifications. Please confirm when placing your order.
*For further information please contact your local sales representatives.
Atomizing cleaning (option)
A unique atomizing cleaning nozzle is used for effective cleaning.
Mist generated by the atomization of purified water with high-speed
airflow allows processing particles to be removed efficiently.
In addition, DCS1441 offers the high-performance atomizing cleaning
specification with a higher cleaning effectiveness.
Space saving
The space-saving design has a narrow width.
0
0.5
1
標準
2流体洗浄
洗浄効果比較
www.disco.co.jp
Comparison of cleaning effects
Standard
Atomizing cleaning
Specification
Unit
DCS1441
Max. workpiece size
-
ø8"
Max. frame size
-
2-8-1
Table rotation speed
min
-1
100
– 3,000
Cleaning/drying time setting
s
0 - 999
Cleaning nozzle speed
°/s
1
– 37.5
Cleaning range
mm
ø355 (up to 250 mm square)
Cleaning pressure range
Mpa
2.3
– 11.8
Machine dimensions (W x D x H)
mm
400 x 600 x 1,380
Machine weight
kg
Approx. 130



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com