Electronic Components Datasheet Search
  English  ▼

X  

DDS2010 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DDS2010
Description  Automatic Die Separator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DDS2010 Datasheet(HTML) 2 Page - DISCO Corporation

  DDS2010 Datasheet HTML 1Page - DISCO Corporation DDS2010 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.disco.co.jp
Automatic Die Separator
DDS2010
2014.11
No pattern side protective film required during breaking
Stealth Dicing
Front side: Pattern side
Bottom side: Backside
No pattern side
protective film required
Front side: Pattern side
Separation side: Backside
Reduced die damage during expansion
Space between die reduces
the chance of impact
Step 1: Expansion
Step 2: CH1 & CH2 breaking
No breakage from impact between
die
specification
Environmental conditions
• Use clean, oil-free air at a dew point of -15 ℃ or less. (Use a residual oil: 0.1ppm. Filtration rating: 0.01 µm/99.5 % or more).
• Keep room temperature fluctuations within ±1 ℃ of the set value. (Set value should be between 20 - 25 ℃).
• Keep cutting water and cooling water at the same (within ±1 ℃ fluctuations) temperature as the room.
• Use water that has a specific electric conductivity greater than 1µS for cutting.
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water.
In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* All the pressures are described using gauge pressures.
* The above specifications may change due to technical modifications. Please
confirm when placing your order.
* For further information please contact your local sales representatives
Unit
mm
φ
8"
mm
0.1~0.5(narrow side)
mm
±2.5
deg
±3°
mm
718×897×1608
(including status indicator)
kg
Approx.450
Specification
Workpiece size
Dice size
Wafer mounting accuracy
X/Y direction (frame mount)
Wafer mounting accuracy
θ direction (frame mount)
Machine dimensions (W×D×H)
Machine weight



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com