Electronic Components Datasheet Search
  English  ▼

X  

AT84AS003 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT84AS003
Description  10-bit 1.5 Gsps ADC With 1:4 DMUX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT84AS003 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT84AS003 Datasheet HTML 1Page - ATMEL Corporation AT84AS003 Datasheet HTML 2Page - ATMEL Corporation AT84AS003 Datasheet HTML 3Page - ATMEL Corporation AT84AS003 Datasheet HTML 4Page - ATMEL Corporation AT84AS003 Datasheet HTML 5Page - ATMEL Corporation AT84AS003 Datasheet HTML 6Page - ATMEL Corporation AT84AS003 Datasheet HTML 7Page - ATMEL Corporation AT84AS003 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5403AS–BDC–10/04
Features
• 10-bit Resolution
• 1.5 Gsps Sampling Rate
• Selectable 1:2 or 1:4 Demultiplexed Output
• 500 mVpp Differential 100
Ω or Single-ended 50Ω Analog Input
• 100
Ω Differential or Single-ended 50Ω Clock input
• LVDS Output Compatibility
• Functions:
– ADC Gain Adjust
– Sampling Delay Adjust
– 1:4 Demultiplexed Simultaneous or Staggered Digital Outputs
– Data Ready Output with Asynchronous Reset
– Out-of-range Output Bit (11th Bit)
• Power Consumption : 6.5W
• Power Supplies: -5V, -2.2V, 3.3V and V
PLUSD Output Power Supply
• Package
– Cavity Down EBGA 317 (Enhanced Ball Grid Array)
– 25 × 35 mm Overall Dimensions
Performances
•
3 GHz Full-power Analog Input Bandwidth
•
±0.4 dB Gain Flatness from DC up to 1.5 GHz
•
Single-tone Performance at Fs = 1.5 Gsps, Full Nyquist Zone
–
ENOB = 8.0 Effective Bits, F
IN = 750 MHz
–
SNR = 52 dB, SFDR = -60 dBFS, F
IN = 750 MHz
•
Dual-tone Performance (IMD3) at Fs = 1.5 Gsps (-7 dBFS each tone)
–
Fin1 = 745 MHz, Fin2 = 755 MHz: IMD3 = -60 dBFS
–
Fin1 = 1244 MHz, Fin2 = 1255 MHz: IMD3 = -60 dBFS
Screening
•
Temperature Range:
–T
C > 0°C; TJ < 90°C (Commercial “C” Grade)
–T
C > -20°C; TJ < 110°C (Industrial “V” Grade)
Applications
•
Direct RF Down Conversion
•
Ultra Wide Band Satellite Receivers
•
Radars and Countermeasures
•
High-speed Acquisition Systems
•
High Energy Physics
•
Automatic Test Equipment
Description
The AT84AS003 combines a 10-bit 1.5 Gsps analog-to-digital converter with a 1:4
DMUX, designed for accurate digitization of broadband signals.
It features 8.0 Effective Number of Bits (ENOB) and -60 dBFS Spurious Free Dynamic
Range (SFDR) at 1.5 Gsps over the full first Nyquist zone.
10-bit
1.5 Gsps ADC
With
1:4 DMUX
AT84AS003
Summary
This is a summary document. A complete document is not
available at this time. For more information, please contact
your local Atmel sales office.


Similar Part No. - AT84AS003

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
Dual 8-bit 1 Gsps ADC
AT84AD001BCTD ATMEL-AT84AD001BCTD Datasheet
1Mb / 60P
Dual 8-bit 1 Gsps ADC
AT84AD001BITD ATMEL-AT84AD001BITD Datasheet
1Mb / 60P
Dual 8-bit 1 Gsps ADC
logo
List of Unclassifed Man...
AT84AD001C ETC-AT84AD001C Datasheet
873Kb / 64P
Dual 8-bit 1 Gsps ADC
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
Dual 8-bit 1 Gsps ADC
More results

Similar Description - AT84AS003

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS8388B ATMEL-TS8388B Datasheet
1Mb / 57P
ADC 8-bit 1 GSPS
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
10-bit 2 Gsps ADC
TS81102G0 ATMEL-TS81102G0 Datasheet
332Kb / 38P
DMUX 8-/10-bit 2 GHz 1:4/8
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
Dual 8-bit 1 Gsps ADC
AT84CS001 ATMEL-AT84CS001 Datasheet
131Kb / 8P
10-BIT 1:2/4 2.2GHz LVDS DMUX
logo
National Semiconductor ...
ADC10D1000 NSC-ADC10D1000_09 Datasheet
2Mb / 70P
Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
ADC10D1000 NSC-ADC10D1000_10 Datasheet
2Mb / 70P
Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
Dual 8-bit 1 Gsps ADC
logo
Texas Instruments
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
12-Bit 4 GSPS ADC With Integrated DDC
ADC10D1000 TI1-ADC10D1000 Datasheet
1Mb / 82P
Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com