Electronic Components Datasheet Search
  English  ▼

X  

DFD6363 Datasheet(PDF) 1 Page - DISCO Corporation

Part # DFD6363
Description  Fully Automatic Dicing Saw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFD6363 Datasheet(HTML) 1 Page - DISCO Corporation

  DFD6363 Datasheet HTML 1Page - DISCO Corporation DFD6363 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DFD6363
Flagship model for ø300 mm wafers with
high process extensibility
Fully Automatic Dicing Saw
19-inch monitor (1280 x 1024 px)
*Option
Supports various applications
Supports both frame and wafer transferring*
 Supports multiple types of cassette; standard wafer cassettes (ø200 mm /
ø300 mm) and FOUP cassettes
 Supports various processes including full cut and half cut with only one unit
DFD6363.
 Reduces the number of size conversions and prevents size conversion
errors.
ABC (Auto Blade Changer)*
 Minimizes the equipment downtime by automatically detecting the end of
blade life and performing operations from blade replacement to processing
recovery in fully automatic operation.
 Prevents potential human errors during blade replacement required for a
change of workpieces to be processed.
 Improves traceability.
Basic function improvements
 Improved usability through a 19-inch monitor and highly visible GUI.
 Contributes to reduced processing time by optimizing axis operation
through multiple-axis synchronized control.
 Improves productivity using a new NCS (Non-Contact Setup)* sensor.
 Achieves stable processing through the installation of a newly-
developed 1.8 kW spindle (60,000 min-1).
ABC unit


Similar Part No. - DFD6363

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6361 DISCO-DFD6361 Datasheet
223Kb / 2P
Fully Automatic Dicing Saw
DFD6362 DISCO-DFD6362 Datasheet
219Kb / 2P
Fully Automatic Dicing Saw
More results

Similar Description - DFD6363

ManufacturerPart #DatasheetDescription
logo
DISCO Corporation
DFD6240 DISCO-DFD6240 Datasheet
200Kb / 2P
Fully Automatic Dicing Saw
DFD6340 DISCO-DFD6340 Datasheet
243Kb / 2P
Fully Automatic Dicing Saw
DFD6341 DISCO-DFD6341 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6361 DISCO-DFD6361 Datasheet
223Kb / 2P
Fully Automatic Dicing Saw
DFD6362 DISCO-DFD6362 Datasheet
219Kb / 2P
Fully Automatic Dicing Saw
DFD6450 DISCO-DFD6450 Datasheet
207Kb / 2P
Fully Automatic Dicing Saw
DFD6560 DISCO-DFD6560 Datasheet
157Kb / 2P
Fully Automatic Dicing Saw
DFD6561 DISCO-DFD6561 Datasheet
421Kb / 2P
Fully Automatic Dicing Saw
DFD6750 DISCO-DFD6750 Datasheet
600Kb / 2P
Fully Automatic Dicing Saw
DFD6760 DISCO-DFD6760 Datasheet
276Kb / 2P
Fully Automatic Dicing Saw
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com