Electronic Components Datasheet Search
  English  ▼

X  

DFG8340 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DFG8340
Description  Fully Automatic In-Feed SurfaceGrinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFG8340 Datasheet(HTML) 2 Page - DISCO Corporation

  DFG8340 Datasheet HTML 1Page - DISCO Corporation DFG8340 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DFG8340
Fully Automatic In-Feed Surface Grinder
■Work Flow System
[1] The robot pick removes the wafer from the cassette and
places it on the positioning table, where centering takes place.
[2] The transfer arm places the wafer on the chuck table.
[3] Grinding. [4] The transfer arm removes the wafer from the
chuck table and places it on the spinner. [5] Cleaning and
drying. [6] The robot pick returns the workpiece to the cassette.
Dec. 2017
Specifications
Easy Operation
The DFG8340 utilizes an
LCD touch screen graphical
user interface, making
operation and maintenance
intuitive and easy.
Environmental conditions
•Use clean, oil-free air at a dew point of -15ºC or less. (Use a residual oil: 0.1 ppm. Filtration rating: 0.01 µm/99.5% or more).
•Keep room temperature fluctuations within ±1ºC of the set value. (Set value should be between 20 - 25 ºC).
•Keep grinding water and cleaning water + 0 - 2ºC above room temperature (fluctuations within 1ºC over one hour).
•Keep spindle cooling water temperature between 20 - 25ºC (fluctuations within 2ºC over an hour).
•The equipment should be used in an environment free from external vibration. Do not install the equipment near a ventilation opening, equipment that generates heat, or parts that generate oil mist.
•This equipment uses water. In case of water leakage, please install the equipment on the floor with sufficient waterproofing and drainage. Note: • All the pressures are described using gauge pressure.
• The above specifications may change due to technical modifications. Please confirm when placing your order.
• For more information, please contact your local sales representatives.
www.disco.co.jp
Simplified Wafer Shape Adjustment
By adjusting the wafer shape from the operation panel in one
touch based on the workpiece, DFG8340 achieves high-
precision for a variety of workpieces.
Operation panel
Unit
mm
φ 4"/5"/6"/8"
-
In-feed grinding with
wafer Rotation
mm
φ 200 diamond wheel
Output
kW
4.2
Revolution speed
range
min
-1
1,000 - 7,000
Thickness variation
within one wafer
µm
Less than 1.5
Thickness variation
between wafers
µm
Less than ±1.5
Finished surface
roughness
µm
Ry less than 0.13
(#2000 fine grinding)
mm
800 × 2,450 × 1,800
kg
Approx.2,500
Machine weight
Machine dimensions(W×D×H)
Grinding
Accuracy
Specification
Wafer Diameter
Grinding Method
Grinding Wheels
Spindle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com