Electronic Components Datasheet Search
  English  ▼

X  

DFG8540 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DFG8540
Description  Fully Automatic In-Feed Surface Grinder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DFG8540 Datasheet(HTML) 2 Page - DISCO Corporation

  DFG8540 Datasheet HTML 1Page - DISCO Corporation DFG8540 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fully Automatic In-Feed Surface Grinder
DFG8540/8560
Specifications
Safe wafer handling with the thin wafer robot pick
Environmental conditions
• Use clean, oil-free air at a dew point of -15 ℃ or less. (Use a residual oil: 0.1 ppm. Filtration ratinzg: 0.01 µm/99.5 % or more).
• Keep room temperature fluctuations within ±1 ℃ of the set value. (Set value should be between 20 - 25 ℃).
• Keep grinding water and cleaning water + 0 - 2 ℃ above room temperature (fluctuations within 1 ℃ over one hour).
• Keep spindle cooling water temperature between 20 - 25 ℃ (fluctuations within 2 ℃ over an hour).
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or oil mist generating parts.
• This machine uses water. In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* All the pressures are described using gauge pressure.
* The above specifications may change due to technical modifications. Please confirm when placing your order.
* For further information please contact your local sales representatives.
DFG8540
Unit
DFG8540
DFG8560
-
φ 8"
(φ 4"/5"/6"/8")
φ 300
(
φ 200/φ 300)
-
mm
φ 200(φ 8")
Diamond wheel
φ 300
Diamond wheel
kW
4.2
4.8
min
-1 1,000 ~ 7,000
1,000 ~ 4,000
Thickness
variation
within one
wafer
µm
1.5 or less
(with
dedicated
chuck table)
3.0 or less
(with dedicated
chuck table,
φ 300mm wafer)
Thickness
variation
between
wafers
µm
Finished
surface
roughness
µm
mm
1,200 × 2,670
× 1,800
1,400 × 3,322
× 1,800
kg
Approx.3,100
Approx.4,000
In-feed grinding with wafer Rotation
Spindle
Rated output
Rated torque
range
Griding wheels
Grinding
Accuracy
±3.0 or less
BG
Ry 0.13(with #2000 finish)
Ry 0.15(with #1400 finish)
Specification
Wafer diameter
Grinding method
Machine weight
Machine
dimensions(W×D×H)
www.disco.co.jp
2017.12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com