Electronic Components Datasheet Search
  English  ▼

X  

C1815 Datasheet(PDF) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

Part # C1815
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOOCHIN [SHENZHEN KOO CHIN ELECTRONICS CO., LTD.]
Direct Link  http://www.hz-dz.net
Logo KOOCHIN - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

C1815 Datasheet(HTML) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

  C1815 Datasheet HTML 1Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD. C1815 Datasheet HTML 2Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C1815 TRANSISTOR (NPN)
FEATURES
Power dissipation
MARKING : C1815=HF
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
150
mA
PC
Collector Power Dissipation
200
mW
Tj
Junction Temperature
125
℃
Tstg
Storage Temperature
-55-125
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 100uA,
IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 0.1mA, IB=0
50
V
Collector cut-off current
ICBO
VCB=60 V, IE=0
0.1
A
Collector cut-off current
ICEO
VCE=50V, IB=0
0.1
uA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
uA
DC current gain
hFE
VCE= 6V, IC= 2mA
130
400
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB= 10mA
0.25
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB= 10mA
1
V
Transition frequency
fT
VCE=10V, IC= 1mA,
f=30MHz
80
MHz
CLASSIFICATION
OF
hFE
Rank
L
H
Range
130-200
200-400
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR


Similar Part No. - C1815

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
C1815 TOSHIBA-C1815 Datasheet
212Kb / 3P
Silicon NPN Epitaxail Type(for Audio Frequency General Purpose Amplifier Applications)
10-Apr-1997
logo
Unisonic Technologies
C1815 UTC-C1815 Datasheet
61Kb / 2P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Fairchild Semiconductor
C1815 FAIRCHILD-C1815 Datasheet
44Kb / 4P
Audio Frequency Amplifier & High Frequency OSC
logo
Hi-Sincerity Mocroelect...
C1815 HSMC-C1815 Datasheet
35Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Micro Electronics
C1815 MICRO-ELECTRONICS-C1815 Datasheet
168Kb / 2P
NPN SILICON TRANSISTOR
More results

Similar Description - C1815

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com