Electronic Components Datasheet Search
  English  ▼

X  

CDCLVP110 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP110
Description  LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP110 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCLVP110 Datasheet HTML 3Page - Texas Instruments CDCLVP110 Datasheet HTML 4Page - Texas Instruments CDCLVP110 Datasheet HTML 5Page - Texas Instruments CDCLVP110 Datasheet HTML 6Page - Texas Instruments CDCLVP110 Datasheet HTML 7Page - Texas Instruments CDCLVP110 Datasheet HTML 8Page - Texas Instruments CDCLVP110 Datasheet HTML 9Page - Texas Instruments CDCLVP110 Datasheet HTML 10Page - Texas Instruments CDCLVP110 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.ti.com
CDCLVP110
Driver
LVPECL
Receiver
ZO = 50 Ω
ZO = 50 Ω
VEE
VCC
VT = VCC - 2 V
50
Ω
50
Ω
Yn
Yn
0
100
200
300
400
500
600
700
800
900
1
1.5
2
2.5
3
3.5
VCC = 2.375 V
TA = -40°C to 85°C
f - Frequency - GHz
DIFFERENTIAL OUTPUT VOLTAGE SWING
vs
FREQUENCY
CDCLVP110
SCAS683A – JUNE 2002 – REVISED AUGUST 2002
Figure 2. Typical Termination for Output Driver (See the Interfacing Between LVPECL, LVDS, and CML
Application Note, Literature Number SCAA056)
Figure 3. LVPECL Input Using CLK0 Pair, VCM = 1 V, VINdif = 0.5 V
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com