Electronic Components Datasheet Search
  English  ▼

X  

DWR1722 Datasheet(PDF) 2 Page - DISCO Corporation

Part # DWR1722
Description  Deionized Water Recycling Unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DISCO [DISCO Corporation]
Direct Link  https://www.disco.co.jp
Logo DISCO - DISCO Corporation

DWR1722 Datasheet(HTML) 2 Page - DISCO Corporation

  DWR1722 Datasheet HTML 1Page - DISCO Corporation DWR1722 Datasheet HTML 2Page - DISCO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CC Filter
DWR1722
Deionized Water Recycling Unit
2016.01
Specifications
Easy maintenance
The CC Filter and ion exchange resin can be replaced with a one-touch coupler
connection so that the time needed for maintenance is greatly reduced.
CC Filter: Disposable filter module with high performance
The DISCO original CC Filter provides both high filtration performance and long life
time. Suspended solids filtered out by the CC Filter can be disposed of easily
together with the filter.
Easy operation
Operation of the DWR1722 can be linked with a dicing saw (optional).
This reduces the load on the operator and the possibility of human error.
Environmental conditions
• Use clean, oil-free air at a dew point of -15 ℃ or less. (Use a residual oil: 0.1ppm. Filtration rating: 0.01 µm/99.5 % or more).
• Keep room temperature fluctuations within ±1 ℃ of the set value. (Set value should be between 20 - 25 ℃).
• Keep cutting water and cooling water at the same (within ±1 ℃ fluctuations) temperature as the room.
• Use water that has a specific electric conductivity greater than 1µS for cutting.
• The machines should be used in an environment, free from external vibration. Do not install machine near a ventilation opening, heat generation equipment or
oil mist generating parts.
• This machine uses water.
In case of water leakage, please install the machine on the floor with sufficient waterproofing and drainage treatments.
* All the pressures are described using gauge pressures.
* The above specifications may change due to technical modifications. Please
confirm when placing your order.
* For further information please contact your local sales representatives
www.disco.co.jp
単位
Specific resistance value
after processing
M
Ω・cm
Pumping capacity
L/min
Supply water
-
TOC control
-
Particle count after
treatment (particle larger
than 0.2 µm)
Particles/mL
Temperature setting range
Deg C
Pumping capacity
L/min
Cooling capacity
W
Temperature setting
range
Deg C
Machine
dimensions (Wx DxH)
mm
Machine weight
kg
仕様
Greater than 12
Specificati
on
Utilities
Less than 100
460
900
20 - 25
449×1,402×1,656
Spindle
cooling
water
25
City water, or
Internal TOC reduction unit
uses UV for oxidization
20 - 25
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com